Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147 Datasheet(PDF) 21 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 21 Page - ams AG

Back Button AS5147 Datasheet HTML 17Page - ams AG AS5147 Datasheet HTML 18Page - ams AG AS5147 Datasheet HTML 19Page - ams AG AS5147 Datasheet HTML 20Page - ams AG AS5147 Datasheet HTML 21Page - ams AG AS5147 Datasheet HTML 22Page - ams AG AS5147 Datasheet HTML 23Page - ams AG AS5147 Datasheet HTML 24Page - ams AG AS5147 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ams Datasheet: 2014-Jun-27 [v1-04]
AS5147 – 21
Detaile d Desc rip t ion
Hysteresis
The hysteresis can be programmed in the HYS bits of the
SETTINGS register. The hysteresis can be 1, 2, or 3 LSB bits, in
which the LSB is defined by the ABI resolution setting (ABIRES).
Figure 35:
Hysteresis Settings
Automatic Gain Control (AGC) and CORDIC
Magnitude
The AS5147 uses AGC to compensate for variations in the
magnetic field strength due to changes of temperature, air gap
between the chip and the magnet, and demagnetization of the
magnet. The automatic gain control value can be read in the
AGC field of the DIAAGC register. Within the specified input
magnetic field strength (Bz), the Automatic Gain Control keeps
the CORDIC magnitude value (MAG) constant. Below the
minimum input magnetic field strength, the CORDIC
magnitude decreases and the MAGL bit is set.
Diagnostic Features
The AS5147 supports embedded self-diagnostics.
MAGH: magnetic field strength too high, set if AGC = 0x00. This
indicates the non-linearity error may be increased.
MAGL: magnetic field strength too low, set high if AGC = 0xFF.
This indicates the output noise of the measured angle may be
increased.
COF: CORDIC overflow. This indicates the measured angle is not
reliable.
LF: offset compensation completed. At power-up, an internal
offset compensation procedure is started, and this bit is set
when the procedure is completed.
HYS
HYSTERESIS with 11BIT ABI
Resolution
HYSTERESIS with 10BIT ABI
Resolution
00
3
2
01
2
1
10
1
0
11
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com