Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOM Datasheet(PDF) 27 Page - ams AG

Part # AS5600-ASOM
Description  12-bit Programmable Contactless Potentiometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600-ASOM Datasheet(HTML) 27 Page - ams AG

Back Button AS5600-ASOM Datasheet HTML 23Page - ams AG AS5600-ASOM Datasheet HTML 24Page - ams AG AS5600-ASOM Datasheet HTML 25Page - ams AG AS5600-ASOM Datasheet HTML 26Page - ams AG AS5600-ASOM Datasheet HTML 27Page - ams AG AS5600-ASOM Datasheet HTML 28Page - ams AG AS5600-ASOM Datasheet HTML 29Page - ams AG AS5600-ASOM Datasheet HTML 30Page - ams AG AS5600-ASOM Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
ams Datasheet
Page 27
[v1-00] 2014-Aug-11
Document Feedback
AS5600 − Detailed Description
PWM Output Mode
The AS5600 output stage can be programmed in the OUTS bits
of the CONF register for a PWM-encoded digital output (OUTS
= 10). In this mode, the OUT pin provides a digital PWM signal.
The duty cycle of each pulse is proportional to the absolute
angle of the rotating magnet.
The PWM signal consists of a frame of 4351 PWM clock periods
as shown in Figure 30. This PWM frame is composed of the
following sections:
•128 PWM clock periods high
• 4095 PWM clock periods data
• 128 PWM clock periods low
The angle is represented in the data part of the frame, and one
PWM clock period represents one 4096th of the full angular
range. The PWM frequency is programmed with the PWMF bits
in the CONF register.
Figure 30:Output Characteristics in Pulse Width Modulation Mode
An angle of zero degrees is represented by 128 clock periods
high and 4223 clock periods low, while a maximum angle
consists of 4223 clock periods high and 128 clock periods low.
Step Response and Filter Settings
The AS5600 has a digital post-processing programmable filter
which can be set in fast or slow modes. The fast filter mode can
be enabled by setting a fast filter threshold in the FTH bits of
the CONF register.
time
data
128 clock
periods low
128 clock
periods high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com