Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL14 Datasheet(PDF) 4 Page - ams AG

Part # TSL14
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL14 Datasheet(HTML) 4 Page - ams AG

  TSL14 Datasheet HTML 1Page - ams AG TSL14 Datasheet HTML 2Page - ams AG TSL14 Datasheet HTML 3Page - ams AG TSL14 Datasheet HTML 4Page - ams AG TSL14 Datasheet HTML 5Page - ams AG TSL14 Datasheet HTML 6Page - ams AG TSL14 Datasheet HTML 7Page - ams AG TSL14 Datasheet HTML 8Page - ams AG TSL14 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 3, 4, 5)
PARAMETER
TEST CONDITIONS
TSL12S
TSL13S
TSL14S
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNIT
VOM
Maximum output voltage
4.6
4.9
4.6
4.9
4.6
4.9
V
Ee = 8 μW/cm2
1.5
2
2.5
Ee = 31 μW/cm2
1.5
2
2.5
V
Output voltage
Ee = 120 μW/cm2
1.5
2
2.5
V
VO
Output voltage
Ee = 16 μW/cm2
4
V
Ee = 62 μW/cm2
4
Ee = 240 μW/cm2
4
Re
Irradiance responsivity
Note 6
248
64
16
mV/
(μW/
cm2)
VOS
Extrapolated offset
voltage
Note 6
−0.02
0.03
0.08 −0.02
0.03
0.08 −0.02
0.03
0.08
V
Vd
Dark voltage
Ee = 0
0
0.08
0
0.08
0
0.08
V
Ee = 8 μW/cm2
1.1
1.7
ID
Supply current
Ee = 31 μW/cm2
1.1
1.7
mA
ID
Supply current
Ee = 120 μW/cm2
1.1
1.7
mA
NOTES: 3. Measurements are made with RL = 10 kΩ between output and ground.
4. Optical measurements are made using small-angle incident radiation from an LED optical source.
5. The 640 nm input irradiance Ee is supplied by an AlInGaP LED with peak wavelength λp = 640 nm.
6. Irradiance responsivity is characterized over the range VO = 0.2 to 4 V. The best-fit straight line of Output Voltage VO versus
irradiance Ee over this range may have a positive or negative extrapolated VO value for Ee = 0. For low irradiance values, the output
voltage VO versus irradiance Ee characteristic is non linear with a deviation toward VO = 0, Ee = 0 origin from the best-fit straight
line referenced above.
Dynamic Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm, RL = 10 kΩ (unless otherwise noted)
(see Figure 1)
PARAMETER
TEST CONDITIONS
TSL12S
TSL13S
TSL14S
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNIT
t
Output pulse delay
time for rising edge
Min VO = 0 V; Peak VO = 2 V
13
1.7
0.9
s
tdr
time for rising edge
(0% to 10%)
Min VO = 0.5 V; Peak VO = 2 V
2.3
1.2
0.6
μs
t
Output pulse rise time Min VO = 0 V; Peak VO = 2 V
20
7.2
2.6
s
tr
Output pulse rise time
(10% to 90%)
Min VO = 0.5 V; Peak VO = 2 V
10
6.5
2.9
μs
t
Output pulse delay
time for falling edge
Min VO = 0 V; Peak VO = 2 V
2.3
1.2
0.8
s
tdf
time for falling edge
(100% to 90%)
Min VO = 0.5 V; Peak VO = 2 V
2.2
1.1
0.7
μs
t
Output pulse fall time
Min VO = 0 V; Peak VO = 2 V
10
6.8
2.9
s
tf
Output pulse fall time
(90% to 10%)
Min VO = 0.5 V; Peak VO = 2 V
9
6.4
2.8
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com