Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL253 Datasheet(PDF) 3 Page - ams AG

Part # TSL253
Description  LIGHT-TO-VOLTAGE OPTICAL SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL253 Datasheet(HTML) 3 Page - ams AG

  TSL253 Datasheet HTML 1Page - ams AG TSL253 Datasheet HTML 2Page - ams AG TSL253 Datasheet HTML 3Page - ams AG TSL253 Datasheet HTML 4Page - ams AG TSL253 Datasheet HTML 5Page - ams AG TSL253 Datasheet HTML 6Page - ams AG TSL253 Datasheet HTML 7Page - ams AG TSL253 Datasheet HTML 8Page - ams AG TSL253 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSL253R
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TAOS053D − SEPTEMBER 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25°C (see Note 2)
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds (S Package)
260°C
. . . . . . . . . . . . . . . . . . . .
Reflow solder, in accordance with J-STD-020C or J-STD-020D (SM Package)
260°C
. . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages are with respect to GND.
2. Output may be shorted to supply.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 635 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 3, 4, and 5)
PARAMETER
TEST
TSL253R
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
5
10
mV
VOM Maximum output voltage
VDD = 4.5 V
3.0
3.3
V
VO
Output voltage
Ee = 14.6 μW/cm2
1.5
2
2.5
V
Temperature coefficient of output voltage (V )
VO = 2 V @ 25°C,
2
mV/°C
αvo
Temperature coefficient of output voltage (VO)
VO = 2 V @ 25 C,
TA = 0°C to 70°C (see Note 6)
0.1
%/°C
R
Irradiance responsivity
See Notes 5 and 7
137
mV/( W/cm2)
Re
Irradiance responsivity
See Notes 5 and 7
137
mV/(μW/cm2)
IDD
Supply current
Ee = 14.6 μW/cm2
1.1
1.7
mA
NOTES: 3. Measurements are made with RL = 10 kΩ between output and ground.
4. Optical measurements are made using small-angle incident radiation from an LED optical source.
5. The input irradiance Ee is supplied by an AlInGaP LED with peak wavelength λp = 635 nm
6. The temperature coefficient of output voltage measurement is made by adjusting irradiance such that VO is approximately 2 V at
25°C and then with irradiance held constant, measuring VO while varying the temperature between 0°C and 70°C.
7. Irradiance responsivity is characterized over the range VO = 0.05 to 2.9 V. The best-fit straight line of Output Voltage VO versus
irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.
Dynamic Characteristics at VDD = 5 V, TA = 25°C, λp = 635 nm, RL = 10 kΩ (see Figure 1)
PARAMETER
TEST CONDITIONS
TSL253R
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output pulse rise time
VO(peak) = 2 V
7
μs
tf
Output pulse fall time
VO(peak) = 2 V
7
μs
Ee = 0, VO = VD
f = 1 kHz
1
V
Output noise voltage
Ee = 0, VO = VD
f = 10 kHz
3
μV/√Hz
Vn Output noise voltage
VO = 2 V
f = 1 kHz
4
μV/√Hz
VO = 2 V
f = 10 kHz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com