Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT75-22C Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # NT75-22C
Description  Small size, light weight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

NT75-22C Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  NT75-22C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NT75
Small size, light weight.
Low coil consumption.
Switching capacity up to 20A.
PC board mounting.
Suitable for household electrical appliances, automation system, electrical equipment, instrument, meter
telecommunication facilities and remote control facilities.
29
12.7
15.7
Ordering Information
NT75 C S
12 DC12V 0.25 3.5 N G
1
2
3
4
5
6
7
8
9
Rated
Max.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Contact Data
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)
2A
DPSTNO
2C
DPDT(B-M)
Contact Material
AgNi AgSnO
2
Contact Rating (resistive)
Max. Switching Power
480W 4000VA 2C:2 150W 2
1250VA
Max. Switching Voltage
125VDC 440VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
100m
Item 4.12 of IEC 61810-7
5
Operational
Electrical
10
Item 4.30 of IEC 61810-7
7
life
Mechanical
10
Item 4.31 of IEC 61810-7
Coil Parameter
5 Coil rated voltage(V): DC:5,6,9,12,24,48,60,110
6 Coil power consumption: 0.25:0.25W;0.41:0.41W;0.72:0.72W
7 Pole-distance: 3.5:3.5mm;5.0:5.0mm
8 Contact meteial: NIL:AgSnO
N:AgNi
2
9 Contact plating: Nil:Standard; G:Gold plated
1 Part number:NT75
2 Contact arrangement:A:1A;C:1C
2A:2A;2C:2C
3 Enclosure:S: Sealed type
Z: Dust cover
4 Contact rating:(For details, see the contact data)
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-250
5
6.5
100
3.5
0.5
006-250
6
7.8
144
4.2
0.6
009-250
9
11.7
324
6.3
0.9
012-250
12
15.6
576
8.4
1.2
024-250
24
31.2
2304
16.8
2.4
048-250
48
62.4
9216
33.6
4.8
060-250
60
78
12857
42
6.0
005-410
5
6.5
61
3.5
0.5
006-410
6
7.8
88
4.2
0.6
009-410
9
11.7
198
6.3
0.9
012-410
12
15.6
351
8.4
1.2
024-410
24
31.2
1405
16.8
2.4
048-410
48
62.4
5620
33.6
4.8
060-480
60
78
7500/
15%
42
6.0
110-480
110
143
25200/
15%
77
11.0
005-720
5
6.5
34.7
3.5
0.5
006-720
6
7.8
50
4.2
0.6
009-720
9
11.7
112.5
6.3
0.9
012-720
12
15.6
200
8.4
1.2
024-720
24
31.2
800
16.8
2.4
048-720
48
62.4
3200
33.6
4.8
0.25
10
5
0.41
10
5
0.72
10
5
R50157181
Features
95
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC 61810-5
Between contact and coil
50Hz 5000V
Item 6 of IEC 61810-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 40 )
IEC68-2-3Test Ca
Mass
11g 12g
Safety approvals
Safety approval
Load
Dimensions
Reference Data
Wiring diagram
(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
96
NT75
R
E174722
C
US
mm /inch
VDE
40020063
Ningbo Huaguan Electronics Corporation LTD.
L:3.5mm or 5.0mm(0.138inch or 0.197inch)
Mounting (Bottom view)
Dimension
6- 1.3
8- 1.3
0.295
0.299
0.051
0.051
1.142
0.008
0.500
0.008
0.051
0.016
0.024
0.020
0.031
29 0.2
12.7
0.2
6-0.5X0.8
2-0.4X0.6
1.9
1.3
0.075
7.6
7.6
5- 1.3
0.295
0.051
7.6
1C2
1A,2A
1C,2C
1C
1A
1C
2A
2C
1A
5- 1.3
0.295
0.051
7.6
1C
1A,1C:12A/250VAC,30VDC; 16A,20A/250VAC, 30VDC(Rushing current :80A)
2A,2C(0.41W):8A/250VAC,30VDC; 8A,10A/277VAC
480W 4000VA 2C:2
150W 2
1250VA
NO:20A/277VAC NC:16A/277VAC
T V
U
UL&CUR
VDE
NO:20A/277VAC NC:16A/277VAC
1A,1C:12A,16A/250VAC,
12A/30VDC(1C)
2A,2C:8A/277VAC,30VDC
1A,1C:16A/250VAC
2A,2C:8A/250VAC
2A,2C:
1A,1C:
10A/277VAC


Similar Part No. - NT75-22C

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT75-22CS8DC12V0.253.5 DBLECTRO-NT75-22CS8DC12V0.253.5 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75-22CS8DC12V0.255.0 DBLECTRO-NT75-22CS8DC12V0.255.0 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75-22CS8DC12V0.413.5 DBLECTRO-NT75-22CS8DC12V0.413.5 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75-22CS8DC12V0.415.0 DBLECTRO-NT75-22CS8DC12V0.415.0 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75-22CS8DC12V0.723.5 DBLECTRO-NT75-22CS8DC12V0.723.5 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
More results

Similar Description - NT75-22C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
Small size, light weight.
logo
DB Lectro Inc
NV2M DBLECTRO-NV2M Datasheet
147Kb / 2P
Small size, light weight.
logo
HuaXinAn Electronics CO...
NG6D HUAXINAN-NG6D Datasheet
357Kb / 1P
Small size,light weight
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
Small size, light weight
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
Small size, light weight.
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
Small size, light weight.
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
Small size, light weight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com