Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F25 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # F25
Description  AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

F25 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  F25 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. F25 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - F25

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F25 SEMTECH-F25 Datasheet
121Kb / 3P
RECTIFIER, up to 3kV, 350mA, 250ns
logo
NEC
F25 NEC-F25 Datasheet
574Kb / 2P
New High Speed Decoupling Device Proadlizer PF/A Series
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
F2500RU MPD-F2500RU_14 Datasheet
237Kb / 2P
F2500RU SERIES
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
More results

Similar Description - F25

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF50 SEMTECH-PFF50 Datasheet
184Kb / 3P
Axial Leaded Hermetically Sealed High Voltage Superfast Rectifi er Diode
PFM50A SEMTECH-PFM50A Datasheet
94Kb / 3P
Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
SFF30 NJSEMI-SFF30 Datasheet
88Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com