Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52-PV4F2B0SS331M01 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV4F2B0SS331M01
Description  HARDWARE SUPPLIED: O-RING AND HEXNUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV4F2B0SS331M01 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV4F2B0SS331M01 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PANEL CUTOUT
MAX. PANEL THICKNESS:
11.0 [.43in]
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV4F2B0SS-331-M01
10/8/2013
52-PV4F2B0SS331M01
C
EBP
1
1
1
3
+
1
-
+
A
21261
RELEASE FOR PRODUCTION
10/8/13
EBP
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 2A 24VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20°C to 55°C
11. TRAVEL: 2.8mm
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 2.8V @ 20mA
14. INGRESS PROTECTION: IP65
15. HARDWARE SUPPLIED: O-RING AND HEXNUT
16. ILLUMINATION COLOR: GREEN
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON) = MOMENTARY
1
3
1
2
(-)
(+)
SPDT
CONTACT CONFIGURATION
GRN
n22.00
[.866 in]
n15.50
[.610 in]
n13.25
[.522 in]
n6.00
[.236 in]
RING ILLUMINATION
LASER ETCHED M01 MARKING
NON-ILLUMINATED POWER SYMBOL
STAINLESS STEEL ACTUATOR
n19.00
[.748 in]
18.45 `.15
.726 `.006 in
[
]
28.5
[1.12 in]
37.0
[1.46 in]
12.00
[.472 in]
.50
[.020 in]
2.50
[.098 in]
10.00
[.394 in]
.50
[.020 in]
2.80
[.110 in]
2.80
[.110 in]
2.00
[.079 in]
FLAT ACTUATOR
M19 X 1.0
SEE NOTE 15
FOR HARDWARE
18.15 `.15
.715 `.006 in
[
]
ACROSS FLAT
STAINLESS STEEL
BODY
B
21333
CORRECT POWER SYMBOL DIAMETER
12/30/13
EBP
B
C
C
C
21350
CHANGE FLAT SIZE ON BODY AND CUTOUT
1/13/14
EBP


Similar Part No. - 52-PV4F2B0SS331M01

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV4F2B0SS331 E-SWITCH-52-PV4F2B0SS331 Datasheet
66Kb / 1P
Silver Plated Brass
52-PV4F2B0SS331 E-SWITCH-52-PV4F2B0SS331_15 Datasheet
66Kb / 1P
STAINLESS STEEL
More results

Similar Description - 52-PV4F2B0SS331M01

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV3F2B0BB344 E-SWITCH-52-PV3F2B0BB344 Datasheet
215Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3F2B011G304 E-SWITCH-52-PV3F2B011G304 Datasheet
216Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3F2B011341 E-SWITCH-52-PV3F2B011341 Datasheet
159Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3F2H011 E-SWITCH-52-PV3F2H011 Datasheet
225Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2B0GG343 E-SWITCH-52-PV3H2B0GG343 Datasheet
176Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2B0NN344 E-SWITCH-52-PV3H2B0NN344 Datasheet
155Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2B011343 E-SWITCH-52-PV3H2B011343 Datasheet
106Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2H0NN E-SWITCH-52-PV3H2H0NN Datasheet
163Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3SWF2H011G E-SWITCH-52-PV3SWF2H011G Datasheet
189Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3WH2H0BB345 E-SWITCH-52-PV3WH2H0BB345 Datasheet
165Kb / 1P
HARDWARE SUPPLIED: O-RING AND HEXNUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com