Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101CW Datasheet(PDF) 1 Page - General Semiconductor

Part # SD101CW
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD101CW Datasheet(HTML) 1 Page - General Semiconductor

  SD101CW Datasheet HTML 1Page - General Semiconductor SD101CW Datasheet HTML 2Page - General Semiconductor SD101CW Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
Dimensions in inches and (millimeters)
SOD-123
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)
4/98
SD101AW THRU SD101CW
Symbol
Value
Unit
Peak Inverse Voltage
SD101AW
SD101BW
SD101CW
VRRM
VRRM
VRRM
60
50
40
V
V
V
Power Dissipation (Infinite Heat Sink)
Ptot
4001) 2)
mW
Max. Single Cycle Surge
10
µs Square Wave
IFSM
2A
Junction Temperature
Tj
1252)
°C
Storage Temperature Range
TS
– 65 to +1502)
°C
2) Valid provided that electrodes are kept at ambient temperature
For general purpose applications.
The LL101 series is a metal-on-silicon
Schottky barrier device which is pro-
tected by a PN junction guard ring. The
low forward voltage drop and fast switching
make it ideal for protection of MOS
devices, steering, biasing, and coupling
diodes for fast switching and low logic level applications.
These diodes are also available in the MiniMELF
case with type designation LL101A thru LL101C
and in the DO-35 case with type designations
SD101A thru SD101C.
♦
♦
♦


Similar Part No. - SD101CW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
70Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Vishay Siliconix
SD101CW VISHAY-SD101CW Datasheet
99Kb / 6P
Small Signal Schottky Diodes
16-Dec-05
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
logo
Diotec Semiconductor
SD101CW DIOTEC-SD101CW Datasheet
101Kb / 2P
Surface Mount Si-Schottky Diodes
logo
Won-Top Electronics
SD101CW WTE-SD101CW Datasheet
47Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SD101CW

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com