Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 1 Page - General Semiconductor

Part # SD103C
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD103C Datasheet(HTML) 1 Page - General Semiconductor

  SD103C Datasheet HTML 1Page - General Semiconductor SD103C Datasheet HTML 2Page - General Semiconductor SD103C Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
DO-35
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
Dimensions in inches and (millimeters)
Case: DO-35 Glass Case
Weight: approx. 0.13 g
4/98
SD103A THRU SD103C
Symbol
Value
Unit
Peak Inverse Voltage
SD103A
SD103B
SD103C
VRRM
VRRM
VRRM
40
30
20
V
V
V
Power Dissipation (Infinite Heat Sink)
Ptot
4001)
mW
Single Cycle Surge
60 Hz Sine Wave
IFSM
15
A
Junction Temperature
Tj
1251)
°C
Storage Temperature Range
TS
–55 to +1501)
°C
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
For general purpose applications.
The SD103 series is a metal-on-silicon
Schottky barrier device which is protected
by a PN junction guard ring. The low forward
voltage drop and fast switching make it ideal for
protection of MOS devices, steering, biasing, and
coupling diodes for fast switching and low logic level
applications. Other applications are click suppression,
efficient full wave bridges in
telephone subsets, and blocking diodes in
rechargeable low voltage battery systems.
This diode is also available in MiniMELF case with the
type designation LL103A … LL103C and SOD-123 case
with the type designations SD103AW .. SD103CW.
♦
♦
♦


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
logo
EIC discrete Semiconduc...
SD103C EIC-SD103C Datasheet
34Kb / 2P
SCHOTTKY BARRIER DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com