Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-100 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRS-R-100
Description  FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-100 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRS-R-100 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-100 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-100 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0713
BU-SB13729
Page 1 of 3
Data Sheet # 1018
FUSETRON™ 600V Class RK5
FRS-R — 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
Description: Advanced protection, energy efficient Class RK5
dual element, current-limiting, time-delay fuses. Time-delay –
10 seconds (minimum) at 500% of rated current.
Catalog Symbol: FRS-R-(amp)
Ratings:
Volts — 600Vac, 300Vdc
Amps — 65-600A
IR — 200kA Vac RMS Sym.
— 20kA Vdc
Agency Information:
CE, UL Listed, Std. 248-12, Class RK5, Guide JDDZ,
File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-02, File 53787
Catalog Numbers (amps)
FRS-R-65
FRS-R-125
FRS-R-350
FRS-R-70
FRS-R-150
FRS-R-400
FRS-R-75
FRS-R-175
FRS-R-450
FRS-R-80
FRS-R-200
FRS-R-500
FRS-R-90
FRS-R-225
FRS-R-600
FRS-R-100
FRS-R-250
FRS-R-110
FRS-R-300
Carton Quantity and Weight
Amp Rating
Carton Qty.
65–100
1
101–200
1
201–400
1
401–600
1
Dimensions - in
Amp Ratings
AB
65-100
7.88 (± 0.062)
1.11 (± 0.02)
110-200
9.63 (± 0.062)
1.61 (± 0.02)
225-400
11.63 (± 0.094)
2.34 (± 0.02)
450-600
13.38 (± 0.094)
2.88 (± 0.02)
Features:
• Provides motor overload, ground fault and short-circuit
protection. When used in circuits subject to surge currents
such as those caused by motors, transformers and other
inductive components, these fuses can be sized close to
full-load amps to give maximum overcurrent protection.
• The time-delay feature makes it possible to use fuse amp
ratings which are much smaller than those of non-time delay
fuses. Considerable cost saving occurs by permitting the
use of smaller size switches, panels and fuses themselves.
• Provides a good degree of short-circuit protection (greater
current-limitation) to help protect downstream components
from high fault currents.
• Gives motor running back-up protection to motors without
extra cost.
• Helps protect motors against burnout from overloads and
single-phasing when sized properly.
• Simplifies and improves blackout prevention (selective
coordination ratios).
• Dual-element fuses can be applied in circuits subject to
temporary motor overloads and surge currents to provide
both high-performance, short-circuit and overload
protection.
Recommended Fuse Blocks
Fuse Amps
1-Pole
2-Pole
3-Pole
70-100
RM60100-1CR
RM60100-2CR
RM60100-3CR
110-200
RM60200-1CR
RM60200-2CR
RM60200-3CR
225-400
RM60400-1CR
RM60400-2CR
RM60400-3CR
450-600
RM60600-1CR
RM60600-2CR
RM60100-3CR
For additional information on the RM Series of 600 volt fuse
blocks, see product brochure # 3192.
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs) 600V
200A
100A
NO.2621-R
400A
100A
NO.2641-R
200A
NO.642-R
100A
NO.2661-R
600A
200A
NO.2662-R
400A
NO.2664-R†
† Single reducer only (pair not required).
For additional information on Class R fuse reducers, see
Data Sheet # 1118.
A
B


Similar Part No. - FRS-R-100

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRS-R-100 COOPER-FRS-R-100 Datasheet
258Kb / 3P
Fusetron??600V Class RK5
logo
Eaton All Rights Reserv...
FRS-R-100 EATON-FRS-R-100 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
More results

Similar Description - FRS-R-100

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com