Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CW Datasheet(PDF) 1 Page - General Semiconductor

Part # SD103CW
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD103CW Datasheet(HTML) 1 Page - General Semiconductor

  SD103CW Datasheet HTML 1Page - General Semiconductor SD103CW Datasheet HTML 2Page - General Semiconductor SD103CW Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
Dimensions in inches and (millimeters)
SOD-123
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)
4/98
SD103AW THRU SD103CW
Symbol
Value
Unit
Peak Inverse Voltage
SD103AW
SD103BW
SD103CW
VRRM
VRRM
VRRM
40
30
20
V
V
V
Power Dissipation (Infinite Heat Sink)
Ptot
400 2)
mW
Single Cycle Surge
10
µs Square Wave
IFSM
2A
Junction Temperature
Tj
125 2)
°C
Storage Temperature Range
TS
–55 to +150 2)
°C
2) Valid provided that electrodes are kept at ambient temperature
For general purpose applications.
The SD103 series is a metal-on-silicon
Schottky barrier device which is pro-
tected by a PN junction guard ring. The
low forward voltage drop and fast switching make
it ideal for protection of MOS devices, steering,
biasing, and coupling diodes for fast switching
and low logic level applications. Other
applications are click suppression, efficient
full wave bridges in telephone subsets, and blocking
diodes in rechargeable low voltage battery systems.
This diode is also available in MiniMELF case with the
type designation LL103A … LL103C and DO-35 case
with the type designations SD103A .. SD103C.
♦
♦
♦


Similar Part No. - SD103CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
68Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 24 - 2
logo
Weitron Technology
SD103CW WEITRON-SD103CW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Diotec Semiconductor
SD103CW DIOTEC-SD103CW Datasheet
102Kb / 2P
Surface Mount Si-Schottky Diodes
More results

Similar Description - SD103CW

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com