Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD104BWS Datasheet(PDF) 2 Page - General Semiconductor

Part # SD104BWS
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD104BWS Datasheet(HTML) 2 Page - General Semiconductor

  SD104BWS Datasheet HTML 1Page - General Semiconductor SD104BWS Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
SD104AWS
VR
20
-
-
Volts
at IR = 10
µA
SD104BWS
VR
15
-
-
Volts
SD104CWS
VR
10
-
-
Volts
Leakage Current
at VR = 15 V
SD104AWS
IR
-
-
500
nA
at VR = 10 V
SD104BWS
IR
-
-
500
nA
at VR = 5 V
SD104CWS
IR
-
-
500
nA
Forward Voltage
at IF = 0.1 mA
SD104AWS
VF
-
-
350
mV
SD104BWS
VF
-
-
325
mV
SD104CWS
VF
-
-
310
mV
at IF = 1.0 mA
SD104AWS
VF
-
-
450
mV
SD104BWS
VF
-
-
425
mV
SD104CWS
VF
-
-
400
mV
at IF = 10 mA
SD104AWS
VF
-
-
600
mV
SD104BWS
VF
-
-
580
mV
SD104CWS
VF
-
-
565
mV
Diodes Capacitance
at VR = 0 V, f = 1 MHZ
SD104AWS
CD
-
-
0.8
pF
SD104BWS
CD
-
-
0.9
pF
SD104CWS
CD
-
-
1.0
pF
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
SD104AWS THRU SD104CWS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com