Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD107WS Datasheet(PDF) 1 Page - General Semiconductor

Part # SD107WS
Description  SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD107WS Datasheet(HTML) 1 Page - General Semiconductor

  SD107WS Datasheet HTML 1Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SD107WS
SCHOTTKY DIODES
FEATURES
¨ Low turn-on voltage
¨ Fast switching
¨ Microminiature plastic package
¨ These devices are protected by a PN
junction guard ring against excessive voltage,
such as electrostatic discharge.
¨ Ideal for protection of MOS devices, steering, biasing,
and coupling diodes for fast switching and low logic level
applications.
MECHANICAL DATA
Case: SOD-323 Plastic Package
Weight: approx. 0.004g
Marking Code: S1
MAXIMUM RATINGS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
30
Volts
Forward Current
IF
100
mA
Forward Surge Current, tp = 10ms
IFSM
0.75
A
Power Dissipation TC= 25¡C
Ptot
250 (NOTE 1)
mW
Thermal Resistance Junction to Ambient Air
RQJA
500
¡C/W
Junction Temperature
Tj
150
¡C
Storage Temperature Range
TS
-65 to + 150
¡C
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
min. .010 (0.25)
.012 (0.3)
.059 (1.5)
Cathode Mark
Top View
.043 (1.1)
SOD-323
2/8/99
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage at IR = 100
mABVR
30
Ð
Ð
Volts
Leakage Current at VR = 25 V
IR
Ð
Ð
1000
nA
Forward Voltage
at IF = 2.0 mA
VF
Ð
300
Ð
mV
at IF = 15 mA
VF
Ð
360
Ð
mV
at IF = 50 mA
VF
Ð
470
550
mV
at IF = 100mA
VF
Ð
580
800
mV
Junction Capacitance at VR = 10V, f = 1.0MHZ
Ctot
Ð
Ð
Max 7.0
pF
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - SD107WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD107WS DIODES-SD107WS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS Datasheet
152Kb / 2P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
SD107WS KEXIN-SD107WS Datasheet
34Kb / 1P
SCHOTTKY DIODE
logo
SEMTECH ELECTRONICS LTD...
SD107WS SEMTECH_ELEC-SD107WS Datasheet
223Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
SD107WS JINANJINGHENG-SD107WS Datasheet
92Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - SD107WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com