Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L45RN-R6-2111 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L45RN-R6-2111
Description  PRESSFIT NEON, LED INCANDESCENT INDICATOR LIGHTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L45RN-R6-2111 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L45RN-R6-2111 Datasheet HTML 1Page - List of Unclassifed Manufacturers L45RN-R6-2111 Datasheet HTML 2Page - List of Unclassifed Manufacturers L45RN-R6-2111 Datasheet HTML 3Page - List of Unclassifed Manufacturers L45RN-R6-2111 Datasheet HTML 4Page - List of Unclassifed Manufacturers L45RN-R6-2111 Datasheet HTML 5Page - List of Unclassifed Manufacturers L45RN-R6-2111 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRESSFIT INDICATOR LIGHTS
FOR 5/16" DIA. MOUNTING HOLE
Lighting Components & Design, Inc.®
· 692 S. Military Trail, Deerfield Bch., FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
I-26 Indicator Lights
Revised July, 1997
Hi-Hat Lens
Variety of
Lens Colors
1/8" Tab Terminals or
3/16" Tab Terminals
PressFit Mounting
45 Series
Units Without Bezels
White Housing
6 to 250 Design Volts
Neon or
Incandescent
Part Number
1/8" Tab Terminals
Part Number
3/16" Tab Terminals
Lens Color
Lamp Type
Design Volts
Design Watts
or Amps
Life (hrs)
45N-2111
45N-2111T3
Red
Neon
125
1/3W
25,000
45HN-2111
45HN-2111T3
Red
Neon
250
1/3W
25,000
45NG1-2111
45NG1-2111T3
Red
Incandescent
6
.20A
5,000
45NG3-2111
45NG3-2111T3
Red
Incandescent
14
.10A
10,000
45NG18-2111
45NG18-2111T3
Red
Incandescent
28
.04A
7,000
45N-2112
45N-2112T3
Green
Neon
125
1/3W
25,000
45HN-2112
45HN-2112T3
Green
Neon
250
1/3W
25,000
45NG1-2112
45NG1-2112T3
Green
Incandescent
6
.20A
5,000
45NG3-2112
45NG3-2112T3
Green
Incandescent
14
.10A
10,000
45NG18-2112
45NG18-2112T3
Green
Incandescent
28
.04A
7,000
45N-2113
45N-2113T3
Amber
Neon
125
1/3W
25,000
45HN-2113
45HN-2113T3
Amber
Neon
250
1/3W
25,000
45NG1-2113
45NG1-2113T3
Amber
Incandescent
6
.20A
5,000
45NG3-2113
45NG3-2113T3
Amber
Incandescent
14
.10A
10,000
45NG18-2113
45NG18-2113T3
Amber
Incandescent
28
.04A
7,000
45N-2114
45N-2114T3
Blue
Neon
125
1/3W
25,000
45HN-2114
45HN-2114T3
Blue
Neon
250
1/3W
25,000
45NG1-2114
45NG1-2114T3
Blue
Incandescent
6
.20A
5,000
45NG3-2114
45NG3-2114T3
Blue
Incandescent
14
.10A
10,000
45NG18-2114
45NG18-2114T3
Blue
Incandescent
28
.04A
7,000
45N-2115
45N-2115T3
White
Neon
125
1/3W
25,000
45HN-2115
45HN-2115T3
White
Neon
250
1/3W
25,000
45NG1-2115
45NG1-2115T3
White
Incandescent
6
.20A
5,000
45NG3-2115
45NG3-2115T3
White
Incandescent
14
.10A
10,000
45NG18-2115
45NG18-2115T3
White
Incandescent
28
.04A
7,000
45N-2117
45N-2117T3
Clear
Neon
125
1/3W
25,000
45HN-2117
45HN-2117T3
Clear
Neon
250
1/3W
25,000
45NG1-2117
45NG1-2117T3
Clear
Incandescent
6
.20A
5,000
45NG3-2117
45NG3-2117T3
Clear
Incandescent
14
.10A
10,000
45NG18-2117
45NG18-2117T3
Clear
Incandescent
28
.04A
7,000
Hi-Hat Lens Style
Without bezel.
19/64"
13/64"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com