Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3105IQT Datasheet(PDF) 16 Page - STMicroelectronics

Part # STC3105IQT
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105IQT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STC3105IQT Datasheet HTML 12Page - STMicroelectronics STC3105IQT Datasheet HTML 13Page - STMicroelectronics STC3105IQT Datasheet HTML 14Page - STMicroelectronics STC3105IQT Datasheet HTML 15Page - STMicroelectronics STC3105IQT Datasheet HTML 16Page - STMicroelectronics STC3105IQT Datasheet HTML 17Page - STMicroelectronics STC3105IQT Datasheet HTML 18Page - STMicroelectronics STC3105IQT Datasheet HTML 19Page - STMicroelectronics STC3105IQT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
I2C interface
STC3105
16/23
Doc ID 022198 Rev 1
7.2
Register map
The register space provides 17 control registers, 1 read-only register for device ID and 16
read/write RAM working registers reserved for the gas gauge algorithm. Mapping of all
registers is shown in
Table 10. Detailed descriptions of registers 0 (REG_MODE) and 1
(REG_CTRL) are shown in
Table 11 and Table 12. All registers are reset to default values
at power-on or reset, and the PORDET bit in register REG_CTRL is used to indicate the
occurrence of a power-on reset.
Values held in consecutive registers (such as the charge value in the REG_CHARGE_LOW
and REG_CHARGE_HIGH registers) must be read with a single I2C access to ensure data
integrity. It is possible to read multiple values in one I2C access; all values will be consistent.
Table 10.
Register map
Name
Address
(decimal)
Type
Description
Control registers
0 to 23
REG_MODE
0
R/W
Mode register
REG_CTRL
1
R/W
Control and status register
REG_CHARGE_LOW
2
R
State-of-charge data, bits 0-7
REG_CHARGE_HIGH
3
R
State-of-charge data, bits 8-15
REG_COUNTER_LOW
4
R
Number of conversions, bits 0-7
REG_COUNTER_HIGH
5
R
Number of conversions, bits 8-15
REG_CURRENT_LOW
6
R
Battery current value, bits 0-7
REG_CURRENT_HIGH
7
R
Battery current value, bits 8-15
REG_VOLTAGE_LOW
8
R
Battery voltage value, bits 0-7
REG_VOLTAGE_HIGH
9
R
Battery voltage value, bits 8-15
REG_SOC_BASE_LOW
10
R/W
SOC base value, bits 0-7
REG_SOC_BASE_HIGH
11
R/W
SOC base value, bits 8-15
REG_ALARM_SOC_LOW
12
R/W
SOC alarm level, bits 0-7
REG_ALARM_SOC_HIGH
13
R/W
SOC alarm level, bits 8-15
REG_ALARM_VOLTAGE
14
R/W
Battery low voltage alarm level
REG_CURRENT_THRES
15
R/W
Current threshold for the voltage
relaxation counter
REG_RELAX_COUNT
16
R
Voltage relaxation counter
Device ID register
REG_ID
24
R
Part type ID = 12h
RAM registers
32 to 47
REG_RAM0
32
R/W
Working register 0 for gas gauge
...
...
...
REG_RAM15
47
R/W
Working register 15 for gas gauge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com