Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40N75LF3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL40N75LF3
Description  Keil starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N75LF3 Datasheet(HTML) 2 Page - STMicroelectronics

  STL40N75LF3 Datasheet HTML 1Page - STMicroelectronics STL40N75LF3 Datasheet HTML 2Page - STMicroelectronics STL40N75LF3 Datasheet HTML 3Page - STMicroelectronics STL40N75LF3 Datasheet HTML 4Page - STMicroelectronics STL40N75LF3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Starter kit architecture
STM3210B-SK/KEIL, STR91X-SK/KEI, STR7-SK/KEIL
2/5
Doc ID 012425 Rev 6
Starter kit architecture
Keil development software is a suite of software development tools for creating and
debugging microcontroller applications that includes:
●
µVision3® integrated development environment, which integrates the ARM RealView
Compilation Tools and Keil’s debugging software so that users can quickly and easily
develop and debug their applications while they run on a target microcontroller.
●
ARM RealView Compilation Tools (RVCT) 16K code-size limited version of the
optimizing C/C++ compiler for ARM™ core-based microcontrollers.
●
ULINK™ USB/JTAG in-circuit debugger/programmer, which integrates fully with
µVision3, allowing users to download the application to the target and debug it while it
runs on the ST ARM core-based microcontroller on the evaluation board.
●
Keil evaluation board, an application board that provides a full range of features to
help users evaluate and start developing applications for the included microcontroller.
Table 1.
Evaluation board key features
Feature
Starter kit
STM3210B
-SK/KEIL
STR91X
-SK/KEI
STR750
-SK/KEIL
STR73xF(1)
STR71xF(1)
Included microcontroller
20-pin JTAG connector
Yes
Yes
Yes
Yes
Yes
10-pin ARM Cortex-
debug connector
No
No
No
No
No
Trace tool connector
N/A
38-pin
(footprint)
N/A
N/A
N/A
External power supply
included
No
No
No
No
(7-12V DC)
No
(7-9V DC)
Power supply from USB
Yes
Yes
Yes
No
No
USART connector(s)
1
2
2
4
2
SPI
Yes
Yes
Yes
Yes
Yes
I2C
Yes
Yes
Yes
Yes
No
CAN connector
Yes
Yes
Yes
Yes
Yes
USB connector
Yes
Yes
Yes
No
Yes
Ethernet connector
N/A
Yes
N/A
N/A
N/A
User LEDs
8
8
8
16
8
LCD display
Yes (2x16)
Yes (2x16)
Yes (2x16)
No
No
SD/MMC card connector
Yes
Yes
Yes
No
No



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com