Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML4735 Datasheet(PDF) 1 Page - General Semiconductor

Part # SML4735
Description  SURFACE MOUNT GLASS PASSIVATED ZENER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SML4735 Datasheet(HTML) 1 Page - General Semiconductor

  SML4735 Datasheet HTML 1Page - General Semiconductor SML4735 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/20/99
NOMINAL
ZENER
MAXIMUM DYNAMIC
MAXIMUM
MAXIMUM
VOLTAGE
IMPEDANCE
MAXIMUM DC REVERSE
SURGE
FORWARD
DEVICE
at IZT
TEST
LEAKAGE CURRENT
CURRENT
VOLTAGE
TYPE
MARKING
VZ
CURRENT
ZZT at
(NOTE 1)
(NOTE 2)
at 200mA
CODE
(NOTE 1)
IZT
IZT
ZZK at IZK
IZK
IR
VR
IRM
VF
(Volts)
(mA)
(Ohms)
(Ohms)
(mA)
(
µA)
(Volts)
(mApk)
(Volts)
SML4735
6P2
6.2
41.0
2.0
700
1.0
50.0
3.0
730.0
1.2
SML4736
6P8
6.8
37.0
3.5
700
1.0
20.0
4.0
660.0
1.2
SML4737
7P5
7.5
34.0
4.0
700
0.5
10.0
5.0
605.0
1.2
SML4738
8P2
8.2
31.0
4.5
700
0.5
10.0
6.0
550.0
1.2
SML4739
9P1
9.1
28.0
5.0
700
0.5
10.0
7.0
500.0
1.2
SML4740
10
10
25.0
7.0
700
0.25
10.0
7.6
454.0
1.2
SML4741
11
11
23.0
8.0
700
0.25
5.0
8.4
414.0
1.2
SML4742
12
12
21.0
9.0
700
0.25
5.0
9.1
380.0
1.2
SML4743
13
13
19.0
10.0
700
0.25
5.0
9.9
344.0
1.2
SML4744
15
15
17.0
14.0
700
0.25
5.0
11.4
305.0
1.2
SML4745
16
16
15.5
16.0
700
0.25
5.0
12.2
285.0
1.2
SML4746
18
18
14.0
20.0
750
0.25
5.0
13.7
250.0
1.2
SML4747
20
20
12.5
22.0
750
0.25
5.0
15.2
225.0
1.2
SML4748
22
22
11.5
23.0
750
0.25
5.0
16.7
205.0
1.2
SML4749
24
24
10.5
25.0
750
0.25
5.0
18.2
190.0
1.2
SML4750
27
27
9.5
35.0
750
0.25
5.0
20.6
170.0
1.2
SML4751
30
30
8.5
40.0
1000
0.25
5.0
22.8
150.0
1.2
SML4752
33
33
7.5
45.0
1000
0.25
5.0
25.1
135.0
1.2
SML4753
36
36
7.0
50.0
1000
0.25
5.0
27.4
125.0
1.2
SML4754
39
39
6.5
60.0
1000
0.25
5.0
29.7
115.0
1.2
SML4755
43
43
6.0
70.0
1500
0.25
5.0
32.7
110.0
1.2
SML4756
47
47
5.5
80.0
1500
0.25
5.0
35.8
95.0
1.2
SML4757
51
51
5.0
95.0
1500
0.25
5.0
38.8
90.0
1.2
SML4758
56
56
4.5
110.0
2000
0.25
5.0
42.6
80.0
1.2
SML4759
62
62
4.0
125.0
2000
0.25
5.0
47.1
70.0
1.2
SML4760
68
68
3.7
150.0
2000
0.25
5.0
51.7
65.0
1.2
SML4761
75
75
3.3
175.0
2000
0.25
5.0
56.0
60.0
1.2
SML4762
82
82
3.0
200.0
3000
0.25
5.0
62.2
55.0
1.2
SML4763
91
91
2.0
250.0
3000
0.25
5.0
69.2
50.0
1.2
SML4735 THRU SML4763A
SURFACE MOUNT GLASS PASSIVATED ZENER
Zener Voltage - 6.2 to 91.0 Volts
Steady State Power - 1.0 Watt
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ For surface mounted applications
♦ Glass passivated chip junction
♦ Low Zener impedance
♦ Low regulation factor
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.002 ounce, 0.064 gram
0.157 (3.99)
0.177 (4.50)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203) MAX.
0.194 (4.93)
0.208 (5.28)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.049 (1.25)
0.065 (1.65)
DO-214AC
Dimensions are in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55°C to +150°C
NOTES:
(1) Standard voltage tolerance is 10%, Suffix A
± 5%
(2) Surge current is a non-repetitive, 8.3ms pulse width square wave or
equivalent sine-wave superimposed on IZT per JEDEC Method
(3) Maximum steady state power dissipation is 1.0 watt at TT=75°C
Ratings at 25°C ambient temperature unless otherwise specified.


Similar Part No. - SML4735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SML4735 VISHAY-SML4735 Datasheet
135Kb / 5P
Surface Mount Zener Diodes
03-Mar-04
logo
EIC discrete Semiconduc...
SML4735 EIC-SML4735 Datasheet
34Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4735 VISHAY-SML4735 Datasheet
90Kb / 6P
Surface Mount Zener Diodes
21-Oct-08
logo
EIC discrete Semiconduc...
SML4735 EIC-SML4735 Datasheet
99Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4735 VISHAY-SML4735 Datasheet
87Kb / 5P
Surface Mount Zener Diodes
29-Nov-11
More results

Similar Description - SML4735

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
Surface Mount Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Leshan Radio Company
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
Surface Mount Glass Passivated
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Thinki Semiconductor Co...
UDZS3.6B THINKISEMI-UDZS3.6B Datasheet
1Mb / 4P
200mW Surface Mount Type Silicon Glass Passivated Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com