Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR77194 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR77194
Description  SMD INDUCTOR DR77194
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR77194 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR77194 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel 951-928-7700, Toll free 888-889-5391, FAX 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
.530 MAX.
13,46
.445 MAX.
11,30
.330 REF.
8,38
.095
2,41
.440
11,17
.370
9,40
.130
3,30
.275 MAX.
6,98
SUGGESTED PAD LAYOUT
1
2
1
2
SMD INDUCTOR DR77194
• Height: 6.98mm Max
• Footprint: 10.80mm x 13.20mm Max
• Current Rating: 27A
• Operating Temperature -20°C to +85°C
• Tinned Leads with Leaded Solder is Available (note 2)
ELECTRICAL SPECIFICATIONS AT 25
°C
INDUCTANCE (1-2) @ 10kHz, 0.1 Vrms
.56
µH ±10%
INDUCTANCE WITH 27 ADC BIAS
(1-2) @ 10kHz, 0.1 Vrms
.42
µH MIN.
DCR (1-2)
0.002
Ω MAX
HIPOT WINDING TO CORE
300 VDC
OUTLINE SPECIFICATIONS
Notes:
1.
Tolerance: Unless otherwise specified, inches/mm = ± 0.010/0,25
2.
For non-RoHS parts replace DR prefix with 42- (e.g. DR77194 becomes 42-77194
3.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C


Similar Part No. - DR77194

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR77053 DATATRONICS-DR77053 Datasheet
66Kb / 1P
Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
DR77054 DATATRONICS-DR77054 Datasheet
66Kb / 1P
Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
DR77055 DATATRONICS-DR77055 Datasheet
66Kb / 1P
Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
DR77056 DATATRONICS-DR77056 Datasheet
66Kb / 1P
Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
DR77057 DATATRONICS-DR77057 Datasheet
66Kb / 1P
Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
More results

Similar Description - DR77194

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com