Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHS2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WHS2
Description  Wirewound High Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WHS2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WHS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wirewound High Surge Resistors
WHS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
Maximum
Typical
Load at rated power: 1000hrs @ 25°C
ΔR%
5 +0.001
Ω
3
Dry heat: 1000hrs @ 200°C
ΔR%
5 +0.001
Ω
3
Short term overload
ΔR%
5 +0.001
Ω
1
Derating from rated power @25°C
Zero at 280°C (See Thermal Performance graph).
Climatic
ΔR%
5 +0.001
Ω
2
Climatic category
55/200/56
TRC & Vibration
ΔR%
5 +0.001
Ω
1
Robustness & solder heat
ΔR%
5 +0.001
Ω
1
Long term damp heat (56 days)
ΔR%
5 +0.001
Ω
1
Terminations
Material:
Hot tin dipped copper wire
Strength:
The terminations meet the requirements of IEC 68.2.21
Solderability:
The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
Marking
WHS2, and WHS3 resistors are marked with four colour bands in conformance with IEC62.
The larger sizes are legend marked with type reference, resistance value and tolerance.
Flammability
The resistor coating will not burn or emit incandescent particles under any condition of applied temperature or power overload.
Solvent Resistance
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.
Performance Data
Pulse Performance
1
10
100
1000
1
10
100
1000
Value (ohms)
Surge / Pulse Energy Capacity
(single or low repetition rate, ΔR < 5%)
WHS10N
WHS10
WHS7
WHS5
WHS3
WHS2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com