Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR366-3-155 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR366-3-155
Description  DR366-3 Series Radial Leaded Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR366-3-155 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR366-3-155 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 15, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
NOTES:
1.) All dimensions are in inches/mm
2.) Tolerance: .012/0.30
3.) DR366-3-332 to DR366-3-153, inductance tolerance is ±20%,
DR366-3-223 to DR366-3-684, inductance tolerance is ±10%,
DR366-3-155 to DR366-3-156, inductance tolerance is ±5%
4.) For non-RoHs parts, replace DR prefix with 42- (e.G. DR366-3-683 becomes 42-366-3-683)
5.) Terminal finish is compliant to RoHs requirements
6.) Isat is the current level when the inductance drops 20% from its initial value
7.) Irms is the current level when the part reaches a temperature rise of 25°C
.492 MAX.
12,5
.157 MIN.
4,0
Ø.025
0,65
Ø .440
11,2
.196
5,0
DR366-3 Series Radial Leaded Shielded Inductors
Features
Height: 12.5mm Max
Inductance Range: 3.3µH – 15mH
Non-RoHS Versions are Available (Note 4)
Meets UL 94V-0
ELECTRICAL SPECIFICATIONS AT 25ºC
OPERATING TEMPERATURE -20°C to +80°C
Part Number
Inductance
(µH) @1kHz
Q Min.
Q Test
Freq.
SRF (MHz)
Ref.
DCR (Ω)
Max.
Rated Current
(A) Max. I sat
Rated Current
(A) Max. I rms
DR366-3-332
3.3
10
7.96MHz
36
0.01
8.80
5.90
DR366-3-472
4.7
10
7.96MHz
28
0.015
7.20
4.80
DR366-3-682
6.8
10
7.96MHz
18
0.016
6.10
4.60
DR366-3-103
10
20
2.52MHz
16
0.025
5.00
3.70
DR366-3-153
15
20
2.52MHz
12
0.029
4.20
3.40
DR366-3-223
22
20
2.52MHz
9.5
0.04
3.40
2.90
DR366-3-333
33
30
2.52MHz
7.0
0.062
2.80
2.30
DR366-3-473
47
30
2.52MHz
5.8
0.075
2.30
2.10
DR366-3-683
68
20
2.52MHz
4.7
0.13
1.90
1.60
DR366-3-104
100
20
796kHz
3.8
0.16
1.60
1.40
DR366-3-154
150
20
796kHz
3.1
0.26
1.30
1.10
DR366-3-224
220
20
796kHz
2.5
0.33
1.10
1.00
DR366-3-334
330
20
796kHz
2.0
0.52
0.88
0.82
DR366-3-474
470
10
796kHz
1.6
0.66
0.75
0.72
DR366-3-684
680
10
796kHz
1.3
1.10
0.61
0.56
DR366-3-105
1000
20
252kHz
1.1
1.40
0.51
0.50
DR366-3-155
1500
30
252kHz
0.82
2.40
0.43
0.38
DR366-3-225
2200
20
252kHz
0.76
3.20
0.35
0.33
DR366-3-335
3300
30
252kHz
0.64
4.90
0.28
0.26
DR366-3-475
4700
30
252kHz
0.54
7.60
0.24
0.21
DR366-3-685
6800
30
252kHz
0.45
9.80
0.20
0.18
DR366-3-106
10000
30
79.6kHz
0.38
18
0.17
0.14
DR366-3-156
15000
50
79.6kHz
0.29
24
0.13
0.12
MECHANICAL OUTLINE


Similar Part No. - DR366-3-155

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR366-3-155 DATATRONICS-DR366-3-155 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
More results

Similar Description - DR366-3-155

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-2-222 DATATRONICS-DR366-2-222 Datasheet
110Kb / 2P
Radial Leaded Shielded Inductors
DR366-3-332 DATATRONICS-DR366-3-332 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR217-3 DATATRONICS-DR217-3_14 Datasheet
78Kb / 1P
DR217-3 SERIES RADIAL LEADED INDUCTORS
DR366-1 DATATRONICS-DR366-1 Datasheet
101Kb / 1P
DR366-1 Series Radial Leaded Shielded Inductors
DR366-2 DATATRONICS-DR366-2 Datasheet
101Kb / 1P
DR366-2 Series Radial Leaded Shielded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB3R3M TAIYO-YUDEN-LHL08TB3R3M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB5R6M TAIYO-YUDEN-LHL08TB5R6M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL16TB152J TAIYO-YUDEN-LHL16TB152J Datasheet
137Kb / 1P
Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com