Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36 Datasheet(PDF) 1 Page - General Semiconductor

Part # SS36
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SS36 Datasheet(HTML) 1 Page - General Semiconductor

  SS36 Datasheet HTML 1Page - General Semiconductor SS36 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/19/98
SS32 THRU SS36
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mount applications
♦ Low profile package
♦ Built-in strain relief, ideal for automated placement
♦ Easy pick and place
♦ Metal silicon junction,
majority carrier conduction
♦ Low power loss, high efficiency
♦ High current capability, low forward voltage drop
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ High temperature soldering:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce 0.25 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
SS32
SS33
SS34
SS35
SS36
UNITS
Device marking code
S2
S3
S4
S5
S6
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
Volts
Maximum RMS voltage
VRMS
14
21
28
35
42
Volts
Maximum DC blocking voltage
VDC
20
30
40
50
60
Volts
Maximum average forward rectified current
at TL (SEE FIG. 1) (NOTE 2)
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
100.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
(NOTE 1)
VF
0.50
0.75
Volts
Maximum DC reverse current (NOTE 1) TA=25°C
0.5
at rated DC blocking voltage
TA=100°C
IR
20.0
10.0
mA
Typical thermal resistance (NOTE 2)
R
ΘJA
55.0
R
ΘJL
17.0
°C/W
Operating junction temperature range
TJ
-55 to +125
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
NOTES:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted 0.55 x 0.55” (14 x 14mm) copper pad areas
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.305 (7.75)
0.320 (8.13)
0.260 (6.60)
0.280 (7.11)
0.079 (2.06)
0.103 (2.62)
0.220 (5.59)
0.245 (6.22)
0.126 (3.20)
0.114 (2.90)
MAX.
DO-214AB
Dimensions in inches and (millimeters)


Similar Part No. - SS36

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS36 ZOWIE-SS36 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS36 SSE-SS36 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS36 FAIRCHILD-SS36 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SS36 MCC-SS36 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
logo
Continental Device Indi...
SS36 CDIL-SS36 Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com