Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM76315 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM76315
Description  Designed for use with Silicon Laboratories ProSlic짰 Devices Si3210M, Si3215M and Si3216M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM76315 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM76315 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 17, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701
ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specification are subject to change without notice.
1
2
3
4
6
10
Schematic
17.60
.690
SUGGESTED PAD LAYOUT
13.50 MAX
.530
14.00 MAX
.550
.90
.035
.60
.024
2.50 8X
.980
10.50 MAX
.410
16.64
.655
2.50
.100
1.80
.070
1.00
.039
SM76315 Transformer
FEATURES
Designed for use with Silicon Laboratories
ProSlic® Devices Si3210M, Si3215M and Si3216M
Operating Temperature Range -40
C to +125C
Isolation Voltage rating between primary and
secondary: 500 VDC
Peak current per primary winding (1-2) (2-3) (3-4): 2 amps
ELECTRICAL SPECIFICATIONS AT 25
C
OCL (1-4)
107µH ±10% @100kHz 0.1V
DCR (1-2)
0.080 Ω max.
DCR (2-3)
0.080 Ω max.
DCR (3-4)
0.080 Ω max.
DCR (6-10)
1.00 Ω max.
TURNS RATIO
40:8:8:8 ±1% (6-10):(1-2):(2-3):(3-4)
POLARITY
6,1 SAME PHASE
MECHANICAL DIMENSIONS
Notes:
1.
All dimensions are mm/inches
2.
Unless otherwise specified tolerance ±0.25/0.010
3.
Coplanarity: 0.102/0.004
4.
For non-RoHS parts replace SM prefix with 42- (e.g. SM76315 becomes 42-76315)
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - SM76315

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7630 LINKAGE-SM7630 Datasheet
2Mb / 8P
BOOST _ PFC BUCK combination flow controller
More results

Similar Description - SM76315

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
Designed for Complementary Use with the BD546 Series
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
Designed for Complementary Use with TIP145, TIP146 and TIP147
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
Designed for Complementary Use with the BD244 Series
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Silicon Laboratories
SI47XX-EVB SILABS-SI47XX-EVB Datasheet
9Mb / 164P
Thank you for purchasing the Silicon Laboratories
logo
Good Will Instrument Co...
GDS-1000A-U GWINSTEK-GDS-1000A-U Datasheet
3Mb / 2P
Laboratories and Educational Facilities
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com