Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM503-474 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM503-474
Description  SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM503-474 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM503-474 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 6, 2009
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700, Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
0.60
[0.024]
2.54
[0.100]
BOTTOM VIEW
9.20
[0.362]
SM503
DATE
7.20
[0.283]
TOP VIEW
FRONT VIEW
5.20 Max.
[0.204 Max.]
2
1
5.90
[0.232]
3
4
SCHEMATIC
4
3
1
2
7.2
1.2
2.54
5.0
Suggested PCB Pad Layout
SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
Features
Inductance Range from 5 µH to 4700µH
Operating Temp. -40°C to +85°C
Operating Voltage: 110V 50Hz/60Hz
Isolation Voltage: 500V Min. 50Hz/60Hz
Differential Inductance: 0.2µH Max. @ 100KHz 0.1V
Tinned Leads with Leaded Solder is Available
(Note 3)
Custom Inductance Values Available
Formerly the DR322 Series
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
Turns Ratio
(2-3) & (1-4) (
1%)
Inductance (
H)
@100kHz, 0.1V,
20%
DCR (
) Max.
(2-3) & (1-4)
RATED CURRENT
(A) Max.
SM503-502
1:1
5
0.11
0.5
SM503-113
1:1
11
0.12
0.5
SM503-253
1:1
25
0.20
0.5
SM503-513
1:1
51
0.30
0.5
SM503-474
1:1
470
0.25
0.5
SM503-105
1:1
1000
0.40
0.5
SM503-475
1:1
4700
0.55
0.2
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm”[Inches “IN”].
2.
General tolerance
0.25mm[0.010 IN.], unless otherwise specified.
3.
For non-RoHS parts replace SM prefix with 42- (e.g. SM503-502 becomes 42-503-502)
4.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - SM503-474

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM503-474 DATATRONICS-SM503-474 Datasheet
86Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
More results

Similar Description - SM503-474

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
Surface Mount Common Mode Choke
01-Mar-06
logo
NIC-Components Corp.
NCCA NIC-NCCA Datasheet
5Mb / 4P
Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_17 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM0805 VISHAY-ICM0805 Datasheet
131Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com