Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFHM9331PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFHM9331PBF
Description  System/load switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM9331PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFHM9331PBF Datasheet HTML 1Page - International Rectifier IRFHM9331PBF Datasheet HTML 2Page - International Rectifier IRFHM9331PBF Datasheet HTML 3Page - International Rectifier IRFHM9331PBF Datasheet HTML 4Page - International Rectifier IRFHM9331PBF Datasheet HTML 5Page - International Rectifier IRFHM9331PBF Datasheet HTML 6Page - International Rectifier IRFHM9331PBF Datasheet HTML 7Page - International Rectifier IRFHM9331PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 16, 2013
IRFHM9331PbF
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 1.904mH, RG = 50Ω, IAS = -9A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
‡ Current limited by package.
.
G
D
S
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
–––
10.0
–––
–––
11.7
14.6
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-5.1
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-10
Gate-to-Source Reverse Leakage
–––
–––
10
gfs
Forward Transconductance
16
–––
–––
S
Qg
Total Gate Charge
h
–––
16
–––
nC
VDS = -15V,VGS = -4.5V,ID = - 9.0A
Qg
Total Gate Charge
h
–––
32
48
Qgs
Gate-to-Source Charge
h
–––
4.4
–––
Qgd
Gate-to-Drain Charge
h
–––8–––
RG
Gate Resistance
h
–––
16
–––
Ω
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
27
–––
td(off)
Turn-Off Delay Time
–––
72
–––
tf
Fall Time
–––
60
–––
Ciss
Input Capacitance
–––
1543
–––
Coss
Output Capacitance
–––
310
–––
Crss
Reverse Transfer Capacitance
–––
208
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
64
96
ns
Qrr
Reverse Recovery Charge
–––
25
38
nC
Thermal Resistance
Parameter
Units
RθJC
Junction-to-Case
g
RθJA
Junction-to-Ambient
f
RθJA
Junction-to-Ambient (t<10s)
f
°C/W
Conditions
See Figs. 19a & 19b
Max.
76
-9.0
ƒ = 1.0KHz
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -20V, ID = -11A e
VGS = -10V, ID = -11A
e
VDS = VGS, ID = -25μA
m
Ω
μA
TJ = 25°C, IF = -2.8A, VDD = -24V
di/dt = 100/μs
e
TJ = 25°C, IS = -2.8A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -9.0A
RG = 6.8
Ω
VDS = -10V, ID = -9.0A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -15V, VGS = -4.5V e
ID = -1.0A
VDS = -15V
VGS = -25V
VGS = 25V
VGS = -10V
-90
μA
nC
ns
pF
–––
Typ.
–––
Typ.
–––
–––
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.8
Max.
6
30
45



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com