Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG10DCT Datasheet(PDF) 1 Page - General Semiconductor

Part # UG10DCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

UG10DCT Datasheet(HTML) 1 Page - General Semiconductor

  UG10DCT Datasheet HTML 1Page - General Semiconductor UG10DCT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UG10ACT THRU UG10DCT
ULTRAFAST SOFT RECOVERY RECTIFIER
Reverse Voltage - 200 Volts
Forward Current - 10.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
♦ Ideally suited for free wheeling diode power factor
correction applications
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ Optimized to reduce switching losses
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
♦ Glass passivated chip junction
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lbs. max.
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
UG10ACT
UG10BCT UG10CCT UG10DCT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Working peak reverse voltage
VRWM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current at TC=100°C
I(AV)
10
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
60
Amps
on rated load (JEDEC Method) per leg
Maximum instantaneous forward voltage per leg at IF=10A,
TJ=25°C
1.25
IF=5A,
TJ=25°C
VF
1.10
Volts
IF=5A,
TJ=150°C
0.895
Maximum reverse leakage current per leg
TJ=25°C
10
at working peak reverse voltage
TJ=100°C
IR
200
µA
Maximum reverse recovery time per leg at
IF=1.0A, di/dt=100A/
µs, VR=30V, Irr=0.1 IRM
trr
25
ns
Maximum reverse recovery time per leg at
Maximum
25
IF=0.5A, IR=1.0A, Irr=0.25A
Typical
trr
15
ns
Maximum reverse recovery current per leg at
IF=5A, di/dt=50A/
µs,VR=30V
IRM
0.7
Amps
Maximum stored charge per leg
Maximum
5.5
IF=2A, di/dt=20A/
µs, VR=30V Irr=0.1 IRM
Typical
Qrr
4.5
nC
Typical thermal resistance from junction to case per leg
R
ΘJC
4.5
°C/W
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C
NOTICE: Advanced product information is subject to change without notice
4/98
TO-220AB
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
0.415 (10.54) MAX.
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
0.110 (2.79)
0.100 (2.54)
PIN
1
2
3
PIN 1
PIN 3
CASE
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN 2
0.370 (9.40)
0.360 (9.14)


Similar Part No. - UG10DCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG10DCT VISHAY-UG10DCT Datasheet
46Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
UG10DCT VISHAY-UG10DCT Datasheet
80Kb / 3P
Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
More results

Similar Description - UG10DCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG10FCT GE-UG10FCT Datasheet
51Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UG8FT GE-UG8FT Datasheet
37Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UG8HT GE-UG8HT Datasheet
41Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10ACT GE-UGB10ACT Datasheet
86Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10FCT GE-UGB10FCT Datasheet
43Kb / 3P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGB8HT GE-UGB8HT Datasheet
39Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10ACT GE-UGF10ACT Datasheet
85Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10FCT GE-UGF10FCT Datasheet
85Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8FT GE-UGF8FT Datasheet
137Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8HT GE-UGF8HT Datasheet
135Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com