Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG8HT Datasheet(PDF) 1 Page - General Semiconductor

Part # UG8HT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

UG8HT Datasheet(HTML) 1 Page - General Semiconductor

  UG8HT Datasheet HTML 1Page - General Semiconductor UG8HT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UG8HT AND UG8JT
ULTRAFAST SOFT RECOVERY RECTIFIER
Reverse Voltage - 500 to 600 Volts Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
♦ Ideally suited for freewheeling diode power factor
correction applications
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ Planar technology
♦ Optimized to reduce switching losses
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC TO-220AC molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position:Any
Weight: 0.08 ounce, 2.24 grams
Mounting Torque: 5 in. - lbs. max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
UG8HT
UG8JT
UNITS
Maximum repetitive peak reverse voltage
VRRM
500
600
Volts
Working peak reverse voltage
VRWM
400
480
Volts
Maximum RMS voltage
VRMS
350
420
Volts
Maximum DC blocking voltage
VDC
500
600
Volts
Maximum average forward rectified current at TC=100°C
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
100.0
Amps
on rated load (JEDEC Method)
Maximum instantaneous forward voltage at IF= 8A (NOTE 1)
TJ=25°C
1.75
Volts
TJ=125°C
VF
1.50
Maximum reverse leakage current
TJ=25°C
30
µA
at working peak reverse voltage
TJ=100°C
IR
800
µA
TJ=125°C
4.0
mA
Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A
trr
25
ns
Reverse recovery time at
Maximum
50
IF=1.0A, di/dt=50A/
µs, VR=30V, Irr=0.1 IRM
Typical
trr
35
ns
Typical softness factor (tb/ta) IF=8.0A, di/dt=240A/
µs, VR=400V Irr=0.1 IRM
S
1.0
-
Maximum reverse recovery current at
IF=8.0A, di/dt=64A/
µs,VR=400V
TC=125°C
IRM
5.5
Amps
Typical reverse recovery current at
IF=8.0A, di/dt=240A/
µs, VR=400V
TC=125°C
IRM
10.0
Amps
Peak forward recovery time at
Maximum
500
IF=8A, di/dt=64A/
µs measured at 1.1 VF
Typical
tfr
250
ns
Typical thermal resistance from junction to case
R
ΘJC
2.2
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to+150
°C
NOTE: (1) Pulse test: 300
µs pulse width, 1% duty cycle
NOTICE: Advanced product information is subject to change without notice
10/27/98
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.560 (14
0.530 (13
PIN
PIN 1
PIN 2
CASE
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
TO-220AC
Dimensions in inches and (millimeters)
ADVANCED INFORMATION
ADVANCED INFORMATION
ADVANCED INFORMATION


Similar Part No. - UG8HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
More results

Similar Description - UG8HT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG10ACT GE-UG10ACT Datasheet
100Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UG10FCT GE-UG10FCT Datasheet
51Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UG8FT GE-UG8FT Datasheet
37Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10ACT GE-UGB10ACT Datasheet
86Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10FCT GE-UGB10FCT Datasheet
43Kb / 3P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGB8HT GE-UGB8HT Datasheet
39Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10ACT GE-UGF10ACT Datasheet
85Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10FCT GE-UGF10FCT Datasheet
85Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8FT GE-UGF8FT Datasheet
137Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8HT GE-UGF8HT Datasheet
135Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com