Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD481PI Datasheet(PDF) 3 Page - Sharp Corporation

Part # PD481PI
Description  High Speed, High Sensitivity Photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD481PI Datasheet(HTML) 3 Page - Sharp Corporation

  PD481PI Datasheet HTML 1Page - Sharp Corporation PD481PI Datasheet HTML 2Page - Sharp Corporation PD481PI Datasheet HTML 3Page - Sharp Corporation PD481PI Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PD49PI/PD481PI
Test Circuit for Responce Time
2
5
2
5
2
5
Angular displacement
θ
0
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
-20˚
-10˚
- 30˚
0
+10˚
+20˚
+ 30˚
+ 40˚
+ 60˚
+ 50˚
+ 70˚
+ 80˚
+ 90˚
100
20
40
60
80
2
5
2
5
2
5
2
5
2
5
Input
Output
Laser diode
Pulse
generator
Output
10V
+
PD481PI
90%
10%
Fig. 7 Sensitivity Diagram
V R= 10V
T a= 25˚C
102
10
100
10 -1
10 -2
10
102
103
104
105
L ( Ω )
IOUT = 0.1mA
PD49PI/
tr
tf
RL
Fig. 8 Relative Output vs. Distance
(Ta = 25˚C)
(Emitter:GL537/GL538
0.1
1
10
100
GL538
10-4
10-3
10-2
10-1
GL537
IF= 20mA
T a= 25˚C
Distance between emitter and detector
d ( mm )
q Please refer to the chapter “ Precautions for Use.”
Detector : PD49PI/ PD481PI)
Fig. 9 Responce Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com