Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF8AT Datasheet(PDF) 1 Page - General Semiconductor

Part # UGF8AT
Description  ULTRAFAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

UGF8AT Datasheet(HTML) 1 Page - General Semiconductor

  UGF8AT Datasheet HTML 1Page - General Semiconductor UGF8AT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UGF8AT THRU UGF8DT
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
♦ Ideally suited for use in very high frequency
switching power supplies, inverters and as a free
wheeling diode
♦ Ultrafast reverse
recovery time for high efficiency
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ Glass passivated chip junction
♦ High temperature soldering guaranteed:
250°C, 0.25" (6.35mm) from case for 10 seconds
MECHANICAL DATA
Case: ITO-220AC molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 grams
Mounting Torque: 5in. - lbs. max.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
UGF8AT
UGF8BT
UGF8CT
UGF8DT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
at TC=100°C
I(AV)
8.0
Amps
Peak forward surge current
8.3 ms single half sine-wave superimposed
IFSM
150.0
Amps
on rated load (JEDEC Method) at TC=100°C
Maximum instantaneous forward voltage at 8.0
1.00
20A
VF
1.20
Volts
5.0A, TJ=150°C
0.95
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=100°C
IR
300.0
µA
Maximum reverse recovery time (NOTE 1)
trr
20.0
ns
Maximum reverse recovery time
TJ=25°C
30.0
(NOTE 2)
TJ=100°C
trr
50.0
ns
Maximum recovered stored charge
TJ=25°C
20.0
(NOTE 2)
TJ=100°C
Qrr
45.0
nC
Typical junction capacitance (NOTE 3)
CJ
45.0
pF
Typical thermal resistance (NOTE 4)
R
ΘJC
5.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to+150
°C
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Trr and Qrr measured at IF=8.0A, VR=30V, di/dt=50A/
µs, Irr=10% IRM for meaurement of trr
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Thermal resistance from junction to case
4/98
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
ITO-220AC
Dimensions in inches and (millimeters)
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.670 (17.2)
0.646 (16.4)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
PIN 1
PIN 2
12
PIN
DI
DIA.


Similar Part No. - UGF8AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGF8AT VISHAY-UGF8AT Datasheet
143Kb / 5P
Ultrafast Rectifier
09-Nov-07
More results

Similar Description - UGF8AT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG2A GE-UG2A Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG30APT GE-UG30APT Datasheet
73Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
SUF30G SHUNYE-SUF30G Datasheet
492Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com