Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZY1 Datasheet(PDF) 2 Page - General Semiconductor

Part # ZY1
Description  ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZY1 Datasheet(HTML) 2 Page - General Semiconductor

  ZY1 Datasheet HTML 1Page - General Semiconductor ZY1 Datasheet HTML 2Page - General Semiconductor ZY1 Datasheet HTML 3Page - General Semiconductor ZY1 Datasheet HTML 4Page - General Semiconductor ZY1 Datasheet HTML 5Page - General Semiconductor ZY1 Datasheet HTML 6Page - General Semiconductor ZY1 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZY1, ZY11 THRU ZY200
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener
voltage(2)
at
IZT
VZ (V)
Dynamic
resistance
at IZT
f = 1 kHz
max
rzj (
Ω)
Temp. coeff.
of Zener volt.
at
IZT
α
VZ (10
–4 /K)
Test
current
IZT (mA)
Reverse
voltage
at
IR= 0.5
µA
VR (V)
Admissible
Zener current(1)
at Tamb = 25°C
IZ (mA)
ZY1(3)
0.71 … 0.82
0.5 (< 1)
-26 … -16
100
_
1000
ZY11
10.4 … 11.6
4 (< 7)
+5 … +10
50
> 9.2
135
ZY12
11.4 … 12.7
4 (< 7)
+5 … +10
50
> 10
120
ZY13
12.4 … 14.1
5 (< 10)
+5 … +10
50
> 10.7
110
ZY15
13.8 … 15.8
5 (< 10)
+5 … +10
50
> 12
98
ZY16
15.3 … 17.1
6 (< 15)
+6 … +11
25
> 13.3
90
ZY18
16.8 … 19.1
6 (< 15)
+6 … +11
25
> 14.7
80
ZY20
18.8 … 21.2
6 (< 15)
+6 … +11
25
> 16.5
72
ZY22
20.8 … 23.3
6 (< 15)
+6 … +11
25
> 18.3
66
ZY24
22.8 … 25.6
7 (< 15)
+6 … +11
25
> 20.1
60
ZY27
25.1 … 28.9
7 (< 15)
+6 … +11
25
> 22.5
53
ZY30
28 … 32
8 (< 15)
+6 … +11
25
> 25.1
48
ZY33
31 … 35
8 (< 15)
+6 … +11
25
> 27.8
44
ZY36
34 … 38
21 (< 40)
+6 … +11
10
> 30.2
40
ZY39
37 … 41
21 (< 40)
+6 … +11
10
> 32.9
37
ZY43
40 … 46
24 (< 45)
+7 … +12
10
> 35.6
33
ZY47
44 … 50
24 (< 45)
+7 … +12
10
> 39.2
30
ZY51
48 … 54
25 (< 60)
+7 … +12
10
> 42.8
27
ZY56
52 … 60
25 (< 60)
+7 … +12
10
> 47.3
25
ZY62
58 … 66
25 (< 80)
+8 … +13
10
> 51.7
21
ZY68
64 … 72
25 (< 80)
+8 … +13
10
> 57.1
20
ZY75
70 … 79
30 (< 100)
+8 … +13
10
> 63.2
18
ZY82
77 … 88
30 (< 100)
+8 … +13
10
> 68.6
16
ZY91
85 … 96
60 (< 200)
+9 … +13
5
> 75.7
15
ZY100
94 … 106
60 (< 200)
+9 … +13
5
> 83.7
13
ZY110
104 …116
80 (< 250)
+9 … +13
5
> 92.6
12
ZY120
114 … 127
80 (< 250)
+9 … +13
5
> 101.6
11
ZY130
124 … 141
110 (< 300)
+9 … +13
5
> 110.5
10
ZY150
138 … 156
110 (< 300)
+9 … +13
5
> 123
9
ZY160
153 …171
150 (< 350)
+9 … +13
5
>136
8.5
ZY180
168 … 191
150 (< 350)
+9 … +13
5
> 149
8
ZY200
188 … 212
150 (< 350)
+9 … +13
5
> 167
7.5
NOTES:
(1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(2) Tested with pulses tp = 5 ms
(3) The ZY1 is a silicon diode operated in forward direction. Hence, the index of all parameters ratings should be “F” instead of “Z”. Connect the cathode lead to the
negative pole



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com