Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBAT34 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GBAT34
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GBAT34 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GBAT34 Datasheet HTML 1Page - E-Tech Electronics LTD GBAT34 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G B
B A
AT
T 3344
Description
Schottky Diode .
Package Dimensions
Style : Pin 1.Anode 2.Cathode 3.Common Connection
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Peak forward current
200
mA
Recurrent Peak Reverse Voltage
VRRM
30
V
RMS Voltage
VRMS
21
V
DC Blocking Voltage
VDC
30
V
Average Forward Rectified Current
Io
100
mA
Peak Forward Surge Current at 1
Sec
IFSM
600
mA
Typical Junction Capacitance between Terminal(note 1)
CJ
10
pF
Reverse Recovery Time(Note 2)
TRR
5.0
nSec
Operating Temperature Range
TJ
+150
Storage Temperature
Tstg
-55 ~ +150
Total Power Dissipation at Ta = 25 :
PD
150
mW
Characteristics at Ta = 25 ::::
characteristics
Symbol
Min
Max.
Unit
Test Conditions
Maximum Instantaneous Forward Voltage
VF
-
1000
mV
IF=100mA
Maximum Average Reverse Current
IR
-
2.0
uA
VR=25V
Note: 1.Measured at 1.0 MHz and applied reverse voltage of 1.0 volts.
2.Measured at applied forward current of 10 mA and reverse current of 10 mA.
3.ESD sensitive product handling required.
Characteristics Curve


Similar Part No. - GBAT34

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBAT34 GTM-GBAT34 Datasheet
191Kb / 2P
Schottky Diode
More results

Similar Description - GBAT34

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com