Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # ML2
Description  Medical Instrument Lens-End Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

ML2 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  ML2 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
A
B
Medical Instrument Lens-End Lamps
Color Temp.
Vacuum
Line
Part
Degrees
Life
Filament
Or
No.
No.
Volts
Amps
Lumens
Kelvin
Hours
Type
Gas
Drawing
1
ML2
2.5
0.280
7
2,650
20
C-6
V
A
2
ML4
2.5
0.670
16
2,950
15
C-6
Krypton
B
3
ML4H
2.5
0.690
18
3,000
25
C-6
Halogen
B
4
ML7
3.5
0.600
24
2,850
100
C-6
Krypton
B
5
ML11
3.5
0.740
30
3,000
40
C-6
Krypton
C
6
ML11-K1
3.5
0.740
30
3,000
40
C-6
Krypton
D
11.9+/-.05
2.5+/-.2
4.5+/-.3
#8-32 UNC
Knurl
5.5+/-.02
19.5 MAX
16.3 MAX
M3.5 X 0.6
THREAD
5+/-.05
C
D
4.67 - 4.82
3.8 (REF)
TEFLON INSULATION
0.38 MAX
14.17 - 14.81
3.05 - 3.68
16.76 - 17.53
.51 - .58,
2 PLACES
1.83 - 1.98
.2 - .5
10
o-30o
11


Similar Part No. - ML2

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
ML2002-2U MINILOGIC-ML2002-2U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-2U MINILOGIC-ML2002-2U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
More results

Similar Description - ML2

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
169-1 GILWAY-169-1 Datasheet
44Kb / 1P
Unbased Lens-End Lamps
187-1 GILWAY-187-1 Datasheet
59Kb / 1P
Subminiature Krypton Lamps with Lens-End
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
L1005 GILWAY-L1005 Datasheet
109Kb / 3P
Focused Lens-End Lamps
L103 GILWAY-L103 Datasheet
29Kb / 1P
Lens-End Lamps
L1041 GILWAY-L1041 Datasheet
79Kb / 1P
Lens-End Halogen Lamps
155-1617D GILWAY-155-1617D Datasheet
105Kb / 1P
L102 lens-end lamp
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
Visual Communications C...
CM8299 VCC-CM8299 Datasheet
57Kb / 1P
Lens End
GTL-1 VCC-GTL-1 Datasheet
99Kb / 1P
Lens End
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com