Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1007 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # L1007
Description  Focused Lens-End Lamps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

L1007 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  L1007 Datasheet HTML 1Page - Gilway Technical Lamp L1007 Datasheet HTML 2Page - Gilway Technical Lamp L1007 Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Midget Flanged Base Lens-End Lamps
Color Temp.
Vacuum
Line
Part
Degrees
Life
Or
Filament
No.
No.
Volts
Amps
Lux*
Kelvin
Hours
Gas
Type
Drawing
10
169-14
2.5
0.340
1,000
2,170
30,000
V
C-6
E
11
180-14
2.5
0.350
2,100
2,250
15,000
V
C-6
E
12
173-14
3.5
0.600
12,000
2,850
100
G
C-6
E
13
179-14
3.5
0.750
13,000
3,030
35
G
C-6
E
14
174-14
5.0
0.170
880
2,300
12,500
V
C-2R
E
* Lux at 50mm
E
D
C
16.7 MAX
2.2+/-.5
4.8 MAX
6.22+/-.13
12
7.24
+/-.13
5+/-.5
16.0
4.8 max
1.0+/-.03
4+/-.15
0.5
7.3
+.0
-.1
5.5
5+/-.5
16.0
1.0+/-.03
4+/-.15
0.5
7.3
+.0
-.1
8.5
Cartridge Lens-End Lamps
Line
Part
Life
Base
No.
No.
Volts
Amps
Hours
Type
Drawing
7
L4038
2.50
0.350
10,000
Cartridge
C
8
L4040
2.50
0.300
30,000
Cartridge
D
2.75
0.310
20,000
3.00
0.325
10,000
3.25
0.340
3,500
3.50
0.370
1,000
9
L4075
5.00
0.170
12,500
Cartridge
C
9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com