Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8LP-5R6-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HC8LP-5R6-R
Description  155C maximum temperature operation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC8LP-5R6-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HC8LP-5R6-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC8LP-5R6-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HC8LP-5R6-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 155°C maximum temperature operation
• Low profile surface mount inductors designed
for higher speed switch mode applications
requiring low voltage, and high current
• Design utilizes high temperature powder iron material
with a non-organic binder to eliminate thermal aging
• Inductance range from 0.17 uH to 47.9 uH
• Current range from 29 Amps to 1.8 Amps
• Frequency range 1kHz to 500kHz
Applications
• Next generation processors
• High current DC-DC converters
• VRM, multi-phase buck regulator
• PC Workstations, Routers, Servers
• Telecom soft switches, Base stations
Environmental Data
• Storage temperature range: -40°C to +155°C
• Operating temperature range: -40°C to +155°C
(Range is application specific)
• Solder reflow temperature: +260°C max. for
10 seconds max.
Packaging
• Supplied in tape and reel packaging, 800 parts per reel
Part
Rated
OCL (1)
Irms (2)
Isat (3)
Isat (4)
DCR (m
Ω)
Volts (5)
Number
Inductance
nominal
Amperes
Amperes
Amperes
max. @
µSec (VµS)
µH
+/-20% µH
(Typ.)
15% rolloff
30% rolloff
20°C
(ref.)
HC8LP-R15-R
0.15
0.170
29.0
31
56
1.40
7.8
HC8LP-R39-R
0.39
0.430
20.2
19
34
2.80
4.7
HC8LP-R75-R
0.75
0.830
15.6
13.5
24
4.70
3.4
HC8LP-1R2-R
1.2
1.35
12.4
10.1
18.7
7.50
2.6
HC8LP-1R9-R
1.9
1.92
10.1
8.7
15.5
11.5
4.1
HC8LP-2R6-R
2.6
2.67
8.3
7.4
13.1
17.1
4.8
HC8LP-3R5-R
3.5
3.56
6.9
6.4
11.4
24.5
5.6
HC8LP-4R5-R
4.5
4.57
6.5
5.6
10.0
27.6
6.3
HC8LP-5R6-R
5.6
5.71
5.5
5.1
9.0
38.9
7.1
HC8LP-6R9-R
6.9
6.98
5.2
4.6
8.1
42.8
7.8
HC8LP-8R2-R
8.2
8.37
4.5
4.2
7.4
58.0
8.6
HC8LP-100-R
10.0
9.90
4.3
6.8
3.8
62.9
9.3
HC8LP-150-R
15.0
15.20
3.4
3.1
5.5
99.4
11.6
HC8LP-220-R
22.0
21.70
2.8
2.6
4.6
149
13.7
HC8LP-330-R
33.0
32.10
2.3
2.1
3.8
224
16.8
HC8LP-470-R
47.0
47.90
1.8
1.7
3.1
344
20.3
1) Open Circuit Inductance test parameters: 100KHz, 1.0V, 0.0Adc
2) Irms: DC current for an approximate DT of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It is
recommended that the temperature of the part not exceed 155°C under worst case
operating conditions verified in the end application.
3) Isat Amperes Peak for approximately 15% rolloff (@20°C)
4) Isat Amperes Peak for approximately 30% rolloff (@20°C)
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the
applied V-µS at operating frequency necessary to generate additional core loss
which contributes to the 40°C temperature rise. De-rating of the Irms is required
to prevent excessive temperature rise. The 100% V-uS rating is equivalent to a
ripple current Ip-p of 20% of Isat (30% rolloff option).
Part number definition:
HC8LP-xxx-R
HC8LP = Product code and size
xxx = Inductance in µH. R = decimal point.
If no R is present third character = # of zeros.
-R suffix indicates RoHS compliant
HC8LP Series
Power Inductors
RoHS
2002/95/EC


Similar Part No. - HC8LP-5R6-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HC8LP-5R6-R EATON-HC8LP-5R6-R Datasheet
417Kb / 4P
Low profile, high current power inductors
More results

Similar Description - HC8LP-5R6-R

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115544 SENSITRON-SHD115544 Datasheet
168Kb / 2P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD118422 SENSITRON-SHD118422 Datasheet
100Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175혮C Maximum Operation Temperature
SHD125134 SENSITRON-SHD125134_08 Datasheet
52Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125312 SENSITRON-SHD125312_08 Datasheet
51Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 150째C Maximum Operation Temperature
SHD125546 SENSITRON-SHD125546_08 Datasheet
41Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125646 SENSITRON-SHD125646_08 Datasheet
41Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116046 SENSITRON-SHD116046_11 Datasheet
94Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD125036 SENSITRON-SHD125036_06 Datasheet
53Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
125C maximum total temperature operation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com