Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8LP-R15-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HC8LP-R15-R
Description  155C maximum temperature operation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC8LP-R15-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HC8LP-R15-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC8LP-R15-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HC8LP-R15-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HC8LP Series
Power Inductors
1.75
11.5
24.0
+/-0.3
User direction of feed
11.2
HC8-XXX
wwlly y R
SECTION A-A
A
A
Ko
Bo
Ao
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
16.0
K o=4.3 mm
Bo=11.2 mm
Ao=10.4 mm
13" Dia. EIA-481 compliant reel.
Packaging Information:
Parts packaged on a
800 parts per reel.
Packaging Information
Dimensions in Millimeters
wwllyy = Date Code, R = Revision Level
Mechanical Diagrams
10.4
Max
10.4
Max
HC8LP-XXX
wwll yy R
TOP VIEW
10.9
Max
B
Max
C
L
A ref
3.95
2 plcs
ref
FRONT VIEW
B
max
mm
1R2
3.3
R39
R75
R15
PN
3.5
3.5
3.5
FRONT VIEW
Dimesional Table
A
ref
mm
2.1
2.1
2.1
2.1
1R9
thru
470
2.7
3.5
2.70
±0 . 55
(2x)
SIDE VIEW
3.5 typ
2plcs
3.0 typ
2plcs
4.0 typ
RECOMMENDED PCB PAD LAYOUT
SCHEMATIC
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com