Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE792003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PE792003
Description  RFI Filter Module Combines IEC Connector, Fusing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE792003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PE792003 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
www.curtisind.com
Specifications subject to change.
Dimensions are shown for
reference purposes only.
52
Nominal
Current
Rating
Part
Number
Termination
Line/Load
MINIMUM INSERTION LOSS - dB (50 ohm Circuit)
MODE
Frequency - MHz
.15
.50
1.0
5.0
10
30
3A
PE7XXX03
PE8XXX03
IEC/Solder
Tabs
Common
Differential
18
8
24
18
30
24
45
46
45
50
50
40
6A
PE7XXX06
PE8XXX06
IEC/Solder
Tabs
Common
Differential
10
8
19
18
24
24
39
39
44
40
50
40
PE7/PE8 Series
Specifications
:
Rated Voltage:
250VAC Maximum - 50/60 Hz
Rated Current:
115VAC
250VAC
3A
3A
6A
6A
Current Overload:
6X for 8 Seconds
Hi-Pot Test (1 min):
Line to Ground
1500VAC
Line to Line
1768VDC
Insulation Resistance:
9 x 109 Ω at 100VDC
Ambient Temperature:
40°C Max. at Rated Current
Humidity Range:
0% to 95% R.H.
Termination:
• IEC Receptacle
• Wire Wrap/Solder
Maximum Leakage Current:
Each Line to Ground
PE7, PE 8
115VAC, 60Hz:
0.25mA
250VAC, 50Hz:
0.40mA
Voltage Select Card:
Installed in 120VAC position
unless otherwise specified
Agency Approvals:
Features:
• RFI Filter Module Combines IEC Connector, Fusing,
and Voltage Select Features in One Unit
• PE7 Series Filters Provide 20% More Differential Mode
Attenuation Than Comparable Units
• Accepts Either U.S. or European Standard Fuse Sizes
PE7 Series Simplified Schematic
C
A
D
E
2-POLE
H
1-POLE
FUSING
B
Contacts
b,e
b,c
a
Voltage
110V
220V
240V
240V
220V
110V
d
a
b
2a
F
A
110-220-
240 V
VOLTAGE
SELECTOR
G
F
e
c
E
D
C
LOAD
G
G
LINE
L
N
FOR TRANSFORMERS WITH TAP
SERIES-SERIES
Refer to Page 55 for Ordering Instructions


Similar Part No. - PE792003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7000-1 PASTERNACK-PE7000-1 Datasheet
240Kb / 3P
1 dB Fixed Attenuator, BNC Male To BNC Female Rated To 1 Watt Up To 2 GHz
PE7000-1 PASTERNACK-PE7000-1 Datasheet
263Kb / 5P
1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10 Datasheet
242Kb / 3P
10 dB Fixed Attenuator, BNC Male To BNC Female Rated To 1 Watt Up To 2 GHz
PE7000-10 PASTERNACK-PE7000-10 Datasheet
265Kb / 5P
10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10_16 Datasheet
265Kb / 5P
10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results

Similar Description - PE792003

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FD-1X PREMO-FD-1X Datasheet
141Kb / 1P
IEC Connector Filter
FTCV-1Z PREMO-FTCV-1Z Datasheet
146Kb / 1P
IEC Connector Filter
FT-FTO PREMO-FT-FTO Datasheet
146Kb / 1P
IEC Connector Filter
logo
Tyco Electronics
EJT MACOM-EJT Datasheet
428Kb / 6P
Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
Snap-In Compact RFI Filter IEC Connector Package
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
Compact RFI Filter with IEC Connector for Higher Frequency Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com