Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSX-52SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSX-52SC
Description  DURABLE SIREN/SIREN STROBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSX-52SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSX-52SC Datasheet HTML 1Page - List of Unclassifed Manufacturers SSX-52SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSX-52 SERIES
DURABLE SIREN/SIREN STROBE
Potter Electric Signal Co., LLC • St. Louis, MO • Cust Service: 866-240-1870 • Tech Support: 866-956-1211 • Canada 888-882-1833 • www.pottersignal.com
MKT. #8880143 - REV B
9/10
PAGE 1 OF 1
PRINTED IN USA
A
Brand
• Self-Contained /Indoor/Outdoor Siren and Siren/Strobe
• Sturdy aluminum back plate
• Strong polycarbonate housing
• Dual tamper protection
• 120dB sound output
• Warble sound output
• Mounts directly to wall or 4” square back box
• Strobe consists of colored mirror and lens
• Available strobe colors: Amber, blue, clear, red
The SSX-52 is a durable indoor/outdoor self-contained siren. The full featured siren consists of a single tone that delivers a warble sound output,
120dB output siren driver, and a dual action reed plunger for cover and rear protection. The SSX-52 is provided with a strong polycarbonate
housing and a sturdy aluminum back plate to prevent warping and cracking. The SSX-52 comes completely assembled and ready for installation.
The SSX-52S Siren-Strobe is also available. It includes all the great SSX-52 features with the addition of a colored strobe. The strobe uses a
colored mirror and lens to ensure that the color can be easily distinguished, and is available in amber, blue, clear, or red.
The SSX-52/52S excels in noisy areas such as warehouses, loading docks, print shops, busy production floors, or for indoor/outdoor applications
where high quality and high output warning is required.
Model
Number
Stock
Number
Rated
Voltage
Current
Draw
Operating Voltage
Range
Strobe Specifications
Speaker Specifications
Operating
Temperature
Range
Lens
Color
Strobe Candela
Rating on Axis
Flash Rate
Sound
Output
Tamper Contact
Capacity
SSX-52
4150024
6 -12 VDC
620 mA
Max.
4.8 - 14.4 VDC
-
-
-
120dBA
0.3A @ 12V DC
-4°F to 149°F
-20°C to 65°C
SSX-52SA
4150025
12 VDC
748 mA
Max.
9.6 - 14.4 VDC
Amber
2.03 Min.
20 - 100
times/min.
SSX-52SB
4150026
Blue
1.80 Min.
SSX-52SC
4150027
Clear
3.08 Min.
SSX-52SR
4150028
Red
.75 Min.
Dimensions: inches (mm)
External Dimensions: inch (mm)
In case of the SSX-52S
Tamper Switch
SSX-52S
SSX-5S
SSX-52
4.37” (111)
5.79” (147)
3.378” (85.8)
Mounting Holes


Similar Part No. - SSX-52SC

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
SSX-35SB COOLGEAR-SSX-35SB Datasheet
341Kb / 2P
SATA Docking Station with USB 2.0
logo
CITIZEN ELECTRONICS CO....
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
SSX-750PB CITIZEN-SSX-750PB Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
SSX-750PC CITIZEN-SSX-750PC Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
SSX-750PD CITIZEN-SSX-750PD Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
More results

Similar Description - SSX-52SC

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AVW-15SBW-AL-12 PUI-AVW-15SBW-AL-12 Datasheet
105Kb / 1P
SIREN / STROBE
AVW-15SBW-BL-12 PUI-AVW-15SBW-BL-12 Datasheet
107Kb / 1P
SIREN / STROBE
AVW-15SBW-CL-24 PUI-AVW-15SBW-CL-24 Datasheet
105Kb / 1P
SIREN / STROBE
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
Siren
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
SIREN
logo
CUI INC
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
SIREN
01/22/2020
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
SIREN
08/05/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com