Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2301 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GC2301
Description  P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GC2301 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GC2301 Datasheet HTML 1Page - E-Tech Electronics LTD GC2301 Datasheet HTML 2Page - E-Tech Electronics LTD GC2301 Datasheet HTML 3Page - E-Tech Electronics LTD GC2301 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GC2301
Page: 2/4
ISSUED DATE :2005/05/24
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.1
-
V/ :
Reference to 25 , I
:
D=-1mA
Gate Threshold Voltage
VGS(th)
-0.5
-
-
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
4.4
-
S
VDS=-5V, ID=-2.8A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(Tj=25 )
:
-
-
-1
uA
VDS=-20V, VGS=0
Drain-Source Leakage Current(Tj=70 )
:
IDSS
-
-
-10
uA
VDS=-16V, VGS=0
-
-
130
VGS=-5.0V, ID=-2.8A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
190
m
VGS=-2.8V, ID=-2.0A
Total Gate Charge2
Qg
-
5.2
10
Gate-Source Charge
Qgs
-
1.36
-
Gate-Drain (“Miller”) Change
Qgd
-
0.6
-
nC
ID=-2.8A
VDS=-6V
VGS=-5V
Turn-on Delay Time2
Td(on)
-
5.2
-
Rise Time
Tr
-
9.7
-
Turn-off Delay Time
Td(off)
-
19
-
Fall Time
Tf
-
29
-
ns
VDS=-15V
ID=-1A
VGS=-10V
RG=6
RD=15
Input Capacitance
Ciss
-
295
-
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-
65
-
pF
VGS=0V
VDS=-6V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-1.6A, VGS=0V, Tj=25 :
Continuous Source Current (Body Diode)
IS
-
-
-1
A
VD=VG=0V, VS=-1.2V
Pulsed Source Current (Body Diode)
1
ISM
-
-
-10
A
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com