Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD1SS355 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD1SS355
Description  S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 9 0 V, C U R R E N T 0 . 1 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD1SS355 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD1SS355 Datasheet HTML 1Page - E-Tech Electronics LTD GD1SS355 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/09/20
REVISED DATE :
G
G D
D 11S
S S
S 335555
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 9 0 V, C U R R E N T 0 . 1 A
Description
The GD1SS355 is designed for ultra high speed switching and high reliability with high surge current handling capability.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
:
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
Storage Temperature
Tstg
-55 ~ +125
Maximum Peak Repetitive Reverse Voltage
VRRM
90
V
Maximum RMS Voltage
VRMS
63
V
Maximum DC Blocking Voltage
VDC
80
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
0.5
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
3.0
pF
Maximum Reverse Recovery Time (Note2)
TRR
4.0
nSec
Maximum Average Forward Rectified Current
Io
0.1
A
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Characteristics
Symbol
Max
Unit
Test Condition
Maximum Instantaneous Forward Voltage
VF
1.20
V
IF = 100mA
Maximum Average Reverse Current
IR
0.1
uA
VR = 80V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 6.0 volt.
2. Measured at applied forward current of 10mA and reverse voltage of 6.0 volt.
3. ESD sensitive product handling required.


Similar Part No. - GD1SS355

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD1SS355 GTM-GD1SS355 Datasheet
148Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GD1SS355

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GDMA77 ETL-GDMA77 Datasheet
201Kb / 2P
S U R F A C E M O U N T, B A N D S WI T C H I N G D I O D E V O LTAG E 3 5 V, C U R R E N T 0 . 1 A
GDMBD4148 ETL-GDMBD4148 Datasheet
282Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GN202K ETL-GN202K Datasheet
173Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GS228U ETL-GS228U Datasheet
157Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GSMBD4148 ETL-GSMBD4148 Datasheet
283Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GSN202U ETL-GSN202U Datasheet
162Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSN217U ETL-GSN217U Datasheet
143Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSP202U ETL-GSP202U Datasheet
161Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com