Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD1SS356 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD1SS356
Description  The GD1SS356 is designed for high frequency switching application.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD1SS356 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD1SS356 Datasheet HTML 1Page - E-Tech Electronics LTD GD1SS356 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GD1SS356
Page: 1/2
ISSUED DATE :2006/01/23
REVISED DATE :
G
G D
D 11S
S S
S 335566
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, B
B A
A N
N D
D S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 3 5 V, C U R R E N T 0 . 1 A
Description
The GD1SS356 is designed for high frequency switching application.
Features
&High reliability
&Small mode type
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Reverse Voltage(DC)
VR
35
V
Forward Current(DC)
IF
100
mA
Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-55 ~ +150
:
Total Power Dissipation
PD
225
mW
Electrical Characteristics at Ta = 25 ::::
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown
VR
35
-
-
V
IR=10uA
Reverse Current(DC)
IR
-
-
10
nA
VR=25V
Reverse Voltage(DC)
VF
-
-
1
V
IF=10mA
Diode Capacitance
CD
-
0.9
1.2
pF
VR=6, f=1MHz
Forward dynamic resistance
rf
-
0.65
0.9
IF=2mA, f=100MHz
Note 1: Rated input/output frequency: 100MHz


Similar Part No. - GD1SS356

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD1SS356 GTM-GD1SS356 Datasheet
140Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GD1SS356

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T2C1-1UWA EVERLIGHT-T2C1-1UWA Datasheet
227Kb / 7P
The series is designed for application required high luminous intensity
May.03, 2013
logo
E-Tech Electronics LTD
GBAV151 ETL-GBAV151 Datasheet
312Kb / 2P
The GBAV151 is designed for ultra high speed switching application
GBAV152 ETL-GBAV152 Datasheet
313Kb / 2P
The GBAV152 is designed for ultra high speed switching application
GE1046 ETL-GE1046 Datasheet
355Kb / 3P
The GE1046 is designed for general purpose application
GMBTA44 ETL-GMBTA44 Datasheet
176Kb / 2P
The GMBTA44 is designed for application requires high voltage.
GMBTA94 ETL-GMBTA94 Datasheet
185Kb / 2P
The GMBTA94 is designed for application requires high voltage.
GMPSA42 ETL-GMPSA42 Datasheet
138Kb / 2P
The GMPSA42 is designed for application that requires high voltage
GMPSA44 ETL-GMPSA44 Datasheet
129Kb / 2P
The GMPSA44 is designed for application that requires high voltage
GMPSA44S ETL-GMPSA44S Datasheet
190Kb / 2P
The GMPSA44S is designed for application that requires high voltage.
GMPSA94S ETL-GMPSA94S Datasheet
141Kb / 2P
The GMPSA94S is designed for application that requires high voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com