Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDMBD4148 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GDMBD4148
Description  S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDMBD4148 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GDMBD4148 Datasheet HTML 1Page - E-Tech Electronics LTD GDMBD4148 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/12/13
REVISED DATE :
G
G D
D M
M B
B D
D 44114488
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 7 5 V, C U R R E N T 0 . 2 A
Description
The GDMBD4148 is designed for high-speed switching application in hybrid thick and thin-film circuits. The devices is manufactured by the
silicon epitaxial planar process and packed in plastic surface mount package.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-65 ~ +150
Maximum Peak Reverse Voltage
VRM
100
V
Maximum Reverse Voltage
VR
75
V
Average Forward Current
IO
200
mA
Surge Current(1us)
IFSM
2
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
4.0
pF
Maximum Reverse Recovery Time (Note2)
TRR
4.0
nSec
Total Power Dissipation
PD
225
mW
Electrical Characteristics at Ta = 25 ::::
Characteristic
Symbol
Min.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
1
V
IF=10mA
Reverse Breakdown
VR
100
-
V
IR=100uA
Reverse Current
IR
-
5
uA
VR=75V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 0 volt.
2. Measured at applied forward current of 10mA, reverse current of 1.0mA, Reverse voltage of 6.0volt and RL=100
ß .
3. ESD sensitive product handling required.


Similar Part No. - GDMBD4148

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GDMBD4148 GTM-GDMBD4148 Datasheet
277Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GDMBD4148

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD1SS355 ETL-GD1SS355 Datasheet
155Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 9 0 V, C U R R E N T 0 . 1 A
GDBAS16 ETL-GDBAS16 Datasheet
118Kb / 2P
S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 2 5 0mA
GDMA77 ETL-GDMA77 Datasheet
201Kb / 2P
S U R F A C E M O U N T, B A N D S WI T C H I N G D I O D E V O LTAG E 3 5 V, C U R R E N T 0 . 1 A
GN202K ETL-GN202K Datasheet
173Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GS228U ETL-GS228U Datasheet
157Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSBAS16 ETL-GSBAS16 Datasheet
121Kb / 2P
S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 2 5 0mA
GSMBD4148 ETL-GSMBD4148 Datasheet
283Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GSN202U ETL-GSN202U Datasheet
162Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSN217U ETL-GSN217U Datasheet
143Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSP202U ETL-GSP202U Datasheet
161Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com