Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDMBZ5237B Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GDMBZ5237B
Description  ZENER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDMBZ5237B Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GDMBZ5237B Datasheet HTML 1Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 2Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 3Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 4Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 5Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 6Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 7Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 8Page - E-Tech Electronics LTD GDMBZ5237B Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ISSUED DATE :2004/11/15
REVISED DATE :
GDMBZ5221B~GDMBZ5270B
Description
ZENER DIODES
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
Ta=25 ‘ , Derate above 25 ‘
PD
225
1.8
mW
mW/ ‘
Total Device Dissipation
Alumina Substrate**TA=25 ‘ , Derate above 25 ‘
PD
300
2.4
mW
mW/ ‘
Thermal Resistance Junction to Ambient
R JA
417
‘ /W
Junction and Storage Temperature
Tj,Tstg
-55 to +150
‘
*FR-5 - 1.0 0.75 0.062 in. **Alumina-0.4 0.3 0.024 in. 99.5% alumina.
Thermal Characteristics (VF=0.9V Max @ IF=10mA for all types.)
Test
Current
Zener Voltage
Vz(V)
ZZK
IZ=0.25mA
ZZT
IZ=IZT
Max. Reverse
Current
Device
Marking
Code
IZT(mA)
Min
Nominal
Max
ÆÆÆÆMax
ÆÆÆÆMax
IR(uA)
@VR(V)
GDMBZ5221B
1A
20
2.280
2.4
2.520
1200
30
100
1.0
GDMBZ5222B
1B
20
2.375
2.5
2.625
1250
30
100
1.0
GDMBZ5223B
1C
20
2.565
2.7
2.835
1300
30
75
1.0
GDMBZ5224B
1D
20
2.660
2.8
2.940
1400
30
75
1.0
GDMBZ5225B
1E
20
2.850
3.0
3.150
1600
29
50
1.0
GDMBZ5226B
8A
20
3.135
3.3
3.465
1600
28
25
1.0
GDMBZ5227B
8B
20
3.420
3.6
3.780
1700
24
15
1.0
GDMBZ5228B
8C
20
3.705
3.9
4.095
1900
23
10
1.0
GDMBZ5229B
8D
20
4.085
4.3
4.515
2000
22
5.0
1.0
GDMBZ5230B
8E
20
4.465
4.7
4.935
1900
19
5.0
2.0
GDMBZ5231B
8F
20
4.845
5.1
5.355
1600
17
5.0
2.0
GDMBZ5232B
8G
20
5.320
5.6
5.880
1600
17
5.0
3.0
GDMBZ5233B
8H
20
5.700
6.0
6.300
1600
7.0
5.0
3.5
GDMBZ5234B
8J
20
5.890
6.2
6.510
1000
7.0
5.0
4.0
GDMBZ5235B
8K
20
6.460
6.8
7.140
750
5.0
3.0
5.0
GDMBZ5236B
8L
20
7.125
7.5
7.875
500
6.0
3.0
6.0
GDMBZ5237B
8M
20
7.790
8.2
8.610
500
8.0
3.0
6.5
GDMBZ5238B
8N
20
8.265
8.7
9.135
600
8.0
3.0
6.5
GDMBZ5239B
8P
20
8.645
9.1
9.555
600
10
3.0
7.0
GDMBZ5240B
8Q
20
9.500
10
10.500
600
17
3.0
8.0


Similar Part No. - GDMBZ5237B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GDMBZ5237B GTM-GDMBZ5237B Datasheet
808Kb / 9P
ZENER DIODES
More results

Similar Description - GDMBZ5237B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com