Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL100BC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UL100BC
Description  Plug-In Outlet Center Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UL100BC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  UL100BC Datasheet HTML 1Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 2Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 3Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 4Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 5Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 6Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 7Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Catalog No./Item
Description/Specifications
UL2064BC
Industrial Plug-In Outlet Center –
UL2064BD
Twelve outlets, lighted switch.
6' [1.8m] (UL2064BC) or 15' [4.6m]
(UL2064BD) cord. Length 72"
[1830mm]. Receptacle center-to-
center 5 1/4" [133mm].
Catalog No./Item
Description/Specifications
UL2065BC
Industrial Plug-In Outlet Center –
UL2065BD
Twenty-four outlets, lighted switch.
6' [1.8m] (UL2065BC) or 15' [4.6m]
(UL2065BD) cord. Length 72"
[1830mm]. Receptacle center-to-
center 2 1/2" [64mm].
Catalog No./Item
Description/Specifications
Snap-on/Slide-off
Mounting Bracket – Mount unit in
any position. Includes two aluminum
mounting clips that snap onto
mounting rails on the back of the unit.
Screws also included. Used for all
units with 2" [51mm] housing.
Keyhole Mounting
Keyhole Mounting Bracket –
Mount unit in almost any position.
Screws not included. Available on
all plastic units and units with 3 1/2"
[89mm] aluminum housing.
Catalog No./Item
Description/Specifications
Spring Clip Mounting
Spring Clip Mounting Bracket –
Mount unit in any position. Includes
two spring steel mounting clips that
snap onto the unit. Screws also
included. Used for all units with
1 1/2" [38mm] narrow aluminum
housing.
Rack Mounting
Rack Mounting Bracket – Fits
standard 19" [482mm] rack.
Screws not included.
7
.
Mounting Types
j
j
Catalog No./Item
Description/Specifications
UL215BC
Deluxe Control Plug-In Outlet
UL215BD
Center – Four individually switched
outlets. Lighted on/off switch. Gray
finish. 6' [1.8m] (UL215BC) or 15'
[4.6m] (UL215BD) cord. Length 13"
[330mm]. Width 2" [51mm].
Receptacle center-to-center
2 1/8" [54mm].
Catalog No./Item
Description/Specifications
UL208BC
Deluxe Control Plug-In Outlet
UL208BD
Center – Four individually switched
outlets. Lighted on/off switch. Putty
white finish. 6' [1.8m] (UL208BC) or
15' [4.6m] (UL208BD) cord. Length
7 1/2" [191mm]. Width 3 1/2"
[89mm]. Receptacle center-to-center
1 15/16" [33mm].
UL209BC
Deluxe Control Plug-In Outlet
UL209BD
Center – Eight individually switched
outlets. Lighted on/off switch. Putty
white finish. 6' [1.8m] (UL209BC) or
15' [4.6m] (UL209BD) cord. Length
13" [330mm]. Width 3 1/2" [89mm].
Receptacle center-to-center
1 15/16" [33mm].
j
j
j
Deluxe Control Plug-In Outlet Centers Ordering Information
Industrial Plug-In Outlet Centers Ordering Information
NOTE: For UL units.
NOTE: For CabinetMate units.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com