Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HER201G
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HER201G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HER201G Datasheet HTML 1Page - GOOD-ARK Electronics HER201G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
300
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
A=50
I
(AV)
2.0
Amps
Peak forward surge current,
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
60.0
Amps
Maximum instantaneous forward voltage at 2.0A DC
V
F
1.0
1.3
1.5
1.7
Volts
Maximum full load reverse current average, full cycle
0.375" (9.5mm) lead length at T
L=55
I
R(AV)
100.0
A
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
I
R
5.0
A
Maximum reverse recovery time (Note 1)
T
rr
50.0
75.0
nS
Typical junction capacitance (Note 2)
C
J
30
20
F
Operating and storage temperature range
T
J, TSTG
-65 to +150
Features
Mechanical Data
HER201G THRU HER208G
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
Low power loss, high efficiency
Low leakage
Low forward voltage drop
High current capability
High speed switching
High current surge
High reliability
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Mounting Position: Any
Weight: 0.014 ounce, 0.395 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.228
0.299
5.8
7.6
B
0.102
0.142
2.6
3.6
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - HER201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER201G LRC-HER201G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
HER201G TSC-HER201G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER201G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER251G MIC-HER251G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com