Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC10 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # KBPC10
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBPC10 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  KBPC10 Datasheet HTML 1Page - GOOD-ARK Electronics KBPC10 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbols
KBPC10005
KBPC15005
KBPC25005
KBPC35005
KBPC1001
KBPC1501
KBPC2501
KBPC3501
KBPC1002
KBPC1502
KBPC2502
KBPC3502
KBPC1004
KBPC1504
KBPC2504
KBPC3504
KBPC1006
KBPC1506
KBPC2506
KBPC3506
KBPC1008
KBPC1508
KBPC2508
KBPC3508
KBPC1010
KBPC1510
KBPC2510
KBPC3510
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS bridge input voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum average forward
rectified output current at T
C=55
I
(AV)
KBPC10: 10.0 KBPC15: 15.0 KBPC25: 25.0 KBPC35: 35.0
Amps
Peak forward surge current, 8.3mS single
half sine-wave superimposed on rated load
I
FSM
KBPC10: 200.0 KBPC15: 300.0 KBPC25: 300.0 KBPC35: 400.0
Amps
Maximum forward Voltage drop per
element at 5.0/7.5/12.5/17.5A peak
V
F
1.2
Volts
Maximum DC reverse current at rated
DC blocking voltage per element T
A=25
I
R
10.0
A
Operating temperature range
T
J
-55 to +125
Storage temperature range
T
STG
-55 to +150
Features
KBPC10,15,25,35 SERIES
SINGLE-PHASE SILICON BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 10.0/15.0/25.0/35.0 Amperes
Surge overload 200-400 amperes peak
Low forward voltage drop
Mounting position: Any
Electrically isolated base-1800 volts
Solderable 0.25” FASTON terminals
Materials used carries U/L recognition
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz
For capacitive load, derate current by 20%.
Note:
(1) Also available on KBPC10W / 15W / 25W / 35W series
1
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.432
0.442
10.97
11.23
B
1.12
1.13
28.4
28.7
C
0.410
0.490
10.4
12.4
D
1.2
-
30.5
-
E
0.672
0.752
17.1
19.1
F
0.04(1.0) DIA Typ.
G
0.672
0.752
17.1
19.1
H
HOLE FOR NO. 8 SCREW 0.193(4.9) DIA
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.432
0.442
10.97
11.23
B
1.12
1.13
28.4
28.7
C
0.612
0.692
15.5
17.6
D
0.672
0.752
17.1
19.1
E
0.512
0.590
13
15
F
-
1.0
-
25.4
H
HOLE FOR NO.8 SCREW 0.193(4.9) DIA


Similar Part No. - KBPC10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC10 SEMTECH-KBPC10 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
List of Unclassifed Man...
KBPC10 ETC1-KBPC10 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Diotec Semiconductor
KBPC10 DIOTEC-KBPC10 Datasheet
329Kb / 2P
Silicon-Bridge-Rectifiers
logo
List of Unclassifed Man...
KBPC10 ETC2-KBPC10 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC10 CHENG-YI-KBPC10 Datasheet
134Kb / 2P
SINGLE-PHASE GLASS BRIDGE
More results

Similar Description - KBPC10

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com