Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15091A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15091A
Description  Solution with Current Report Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15091A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15091A Datasheet HTML 1Page - Maxim Integrated Products MAX15091A Datasheet HTML 2Page - Maxim Integrated Products MAX15091A Datasheet HTML 3Page - Maxim Integrated Products MAX15091A Datasheet HTML 4Page - Maxim Integrated Products MAX15091A Datasheet HTML 5Page - Maxim Integrated Products MAX15091A Datasheet HTML 6Page - Maxim Integrated Products MAX15091A Datasheet HTML 7Page - Maxim Integrated Products MAX15091A Datasheet HTML 8Page - Maxim Integrated Products MAX15091A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VCC to GND ..........................................................-0.3V to +20V
IN to GND..............................................................-0.3V to +20V
OUT to GND...............................................-0.3V to (VIN + 0.3V)
GATE to OUT ..........................................................-0.3V to +6V
CDLY, ISENSE to GND ..........................-0.3V to (VREG + 0.3V)
EN, CB, UV, OV to GND .........................................-0.3V to +6V
REG to GND............................-0.3V to min (+6V, (VCC + 0.3V))
PG, FAULT to GND ...............................................-0.3V to +20V
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 34.5mW/NC above +70NC)...............2758.6mW
Operating Temperature Range........................... -40NC to +85NC
Junction Temperature......................................................+150NC
Storage Temperature Range............................ -60NC to +150NC
Lead Temperature (soldering, 10s) .................................+300NC
Soldering Temperature (reflow).......................................+260NC
Junction-to-Ambient Thermal Resistance (qJA) ..............29°C/W
Junction-to-Case Thermal Resistance (qJC).....................2°C/W
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 25kΩ, and TA
= +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VCC Operating Range
VCC
2.7
18
V
IN Operating Range
VIN
2.7
18
V
VCC Supply Current
ICC
VIN = 3V
0.4
0.65
mA
IN Supply Current
IIN
RCB = 25kΩ, no load
3.3
3.6
mA
RCB = 10kΩ, no load
1.75
2
VCC Default Undervoltage
Lockout
VUVLO
VCC rising
2.35
2.5
2.65
V
VCC Default Undervoltage-
Lockout Hysteresis
VUVLO_HYS
0.1
V
REG Regulator Voltage
VREG
No load, VCC > 4V
3
3.3
3.5
V
UV Turn-On Threshold
VUV_TH
VUV rising
1.18
1.2
1.22
V
UV Turn-On Threshold
Hysteresis
VUV_HYS
VUV falling
0.1
V
OV Turn-On Threshold
VOV_TH
VOV rising
1.18
1.2
1.22
V
OV Turn-On Threshold
Hysteresis
VOV_HYS
VOV falling
0.1
V
EN Threshold
VEN_TH
VEN rising
0.95
1
1.05
V
EN Threshold Hysteresis
VEN_HYS
VEN falling
0.1
V
Absolute Maximum Ratings
Package Thermal Characteristics (Note 1)
Electrical Characteristics
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Thermal resistance can be lowered with improved board design.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MAX15091/MAX15091A
2.7V to 18V, 9A, Integrated Hot-Swap
Solution with Current Report Output
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com