Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44205 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX44205
Description  Fully Differential Op Amp/SAR ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44205 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX44205 Datasheet HTML 17Page - Maxim Integrated Products MAX44205 Datasheet HTML 18Page - Maxim Integrated Products MAX44205 Datasheet HTML 19Page - Maxim Integrated Products MAX44205 Datasheet HTML 20Page - Maxim Integrated Products MAX44205 Datasheet HTML 21Page - Maxim Integrated Products MAX44205 Datasheet HTML 22Page - Maxim Integrated Products MAX44205 Datasheet HTML 23Page - Maxim Integrated Products MAX44205 Datasheet HTML 24Page - Maxim Integrated Products MAX44205 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Applications Information
The fully differential op amp is shown in Figure 3 for refer-
ence. Fully differential op amps provide a lot of advantag-
es, including rejecting common-mode noise coupled to the
input, the output, and from the power supply. The effective
output swing is increased by a factor of two as the outputs
are equal in amplitude and 180° apart in phase.
For example, by applying a fully differential input signal of
1VP-P across INP and INN on Figure 1 there is a 2VP-P
differential output voltage swing. Another advantage of
having fully differential outputs is that even order harmon-
ics will be suppressed at the output.
Input Impedance Mismatch Due to Source
Impedance
The impedance looking into the IN+ and IN- nodes of
Figure 5 depends on how the inputs are driven. For a
fully differential input signal, i.e., VINP = -VINM, the input
impedance looking into inputs is shown in Figure 6.
RINP = RINM = RG
For a single-ended input signal, since the inputs are not
balanced, the input impedance actually increases relative
to the fully differential case. The input impedance looking
into either input is:
G
INP
INM
F
GF
R
RR
R
1
[1
]
2
(R
R )
=
=
 
−×
 
+
 
Apart from the single-ended input and differential input
signal cases, an input signal source from a nonzero
source impedance may cause imbalance between feed-
back resistor networks for single-ended input driving case
as shown in the Figure 7. A terminating resistor RT as
shown in Figure 7 is used to impedance match to the
source such that:
S
T
INM
INM
S
R
RR
RR
=
×
−
Potential Difference Between
Supply Voltage Pins
Figure 4. Explaining Potential Difference Between Supply
Voltage Pins
2.7V TO 13.2V
VS+
GND
VS-
2.7V TO 13.2V
≥ 0V
VS+
VS-
Figure 5. Showing Fully Differential Architecture
VS+
VCLPH
VCLPL
VS-
OUT+
OUT-
VS+
VS-
MAX44205
VOCM
IN-
IN+
VOCM
OUT-
OUT+
DIFFERENTIAL STRUCTURE AT INPUT, OUTPUT REJECTS COUPLED
NOISE AT THE INPUT, OUTPUT AND AT THE POWER SUPPLY
Figure 6. Fully Differential Amplifier
VS+
VCLPH
VCLPL
VS-
OUT+
OUT-
+5V
-5V
MAX44205
VOCM
INM
INP
VOCM
OUT-
OUT+
IN-
IN+
RG
RG
RF
MAX44205
180MHz, Low-Noise, Low-Distortion,
Fully Differential Op Amp/SAR ADC Driver
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com