Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC810 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # KBPC810
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBPC810 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  KBPC810 Datasheet HTML 1Page - GOOD-ARK Electronics KBPC810 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbols
KBPC
8005
KBPC
801
KBPC
802
KBPC
804
KBPC
806
KBPC
808
KBPC
810
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS bridge input voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum average forward
T
C=100
*
rectified output current at
T
A=50
**
I
(AV)
8.0
8.0
Amps
Peak forward surge current, 8.3mS single
half sine-wave superimposed on rated load
I
FSM
125.0
Amps
Maximum forward Voltage drop per bridge
element at 4.0A peak
V
F
1.1
Volts
Maximum DC reverse current at rated
T
A=25
DC blocking voltage per element
T
A=100
I
R
10.0
1.0
uA
mA
Operating temperature range
T
J
-55 to +125
Storage temperature range
T
STG
-55 to +150
Features
KBPC8005 THRU KBPC810
SINGLE-PHASE SILICON BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 8.0 Amperes
Surge overload rating - 125 amperes peak
Low forward voltage drop
Mounting position: Any
Small size; simple installation
Silver plated copper leads
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
For capacitive load, derate current by 20%.
Notes:
* Unit mounted on metal chassis
** Unit mounted on P.C. board
1
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.730
0.770
18.542
19.558
B
0.250
0.300
6.35
7.63
C
0.480
0.520
12.19
13.21
E
0.750
-
19.1
-
F
0.380
0.042
0.97
1.07
G
0.140
0.150
3.56
3.81


Similar Part No. - KBPC810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC810 WTE-KBPC810 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC810 JGD-KBPC810 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC810 SEMTECH-KBPC810 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC810 SSE-KBPC810 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC810 CHENYI-KBPC810 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC810

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com