Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52-PV8F2Y0SS331M11 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV8F2Y0SS331M11
Description  ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV8F2Y0SS331M11 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV8F2Y0SS331M11 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
SYMBOL
DETAIL
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV8F2Y0SS-331-M11
4/15/2014
52-PV8F2Y0SS331M11
A
EBP
1
1
OPTIONAL PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
3
1
2
4
(+)
(+)
(-)
2
4
A
21438
RELEASE FOR PRODUCTION
4/15/14
EBP
40.40 `.50
1.591 `.020 in
[
]
30.00 `.50
1.181 `.020 in
[
]
21.40
[.843 in]
n28.00
[1.102 in]
n19.80
[.780 in]
2.00
[.079 in]
M25x1.0
25.00
n
`.10
.984 `.004 in
[
]
ACTUATOR FINISH:
STAINLESS STEEL
BODY FINISH:
STAINLESS STEEL
GREEN
RING
ILLUMINATION
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NOS. FOR REF. ONLY
4. FUNCTION: SPDT
5. RATING: 2A @ 48VDC
6. ILLUMINATION VOLTAGE: 20mA 2.8V
7. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
8. INSULATION RESISTANCE: 1,000M
@ 500VDC
9. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
10. ELECTRICAL LIFE: 50,000 CYCLES
11. OPERATING TEMPERATURE: -20°C TO 55°C
12. INGRESS PROTECTION: IP65
13. SUPPLIED HARDWARE: O-RING AND HEXNUT (NOT SHOWN)
13.
DENOTES CRITICAL PARAMETER
13. 2002/95/EC (ROHS) COMPLIANT
14. ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
POS. 1
POS. 2
SWITCH FUNCTION
1-2
(3-4)
(ON) = MOMENTARY
L
1
2
3
4
a
b (+)
SPDT MOMENTARY
CONTACT CONFIGURATION
7.00
[.276 in]
13.60
[.535 in]
16.80
[.661 in]
2.80
[.110 in]
24.15
[.951 in]
(
)
38.60
[1.520 in]
DOT DENOTES
LED COLOR
.50
[.020 in]
n15.50
[.610 in]
M11 MARKING
(POWER SYMBOL)
LASER ETCHED
(NON-ILLUMINATED)
11.70 `.10
.461 `.004 in
[
]
11.90 `.10
.469 `.004 in
[
]
25.00
n
`.10
.984 `.004 in
[
]
n24.90
[.980 in]
(
)
n9.59
[.378 in]
n6.67
[.263 in]
1.47
[.058 in]
7.21
[.284 in]
1.74
[.068 in]
90°


Similar Part No. - 52-PV8F2Y0SS331M11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV8F2Y0SS331 E-SWITCH-52-PV8F2Y0SS331 Datasheet
68Kb / 1P
Silver Plated Brass
More results

Similar Description - 52-PV8F2Y0SS331M11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV8F2T0SS334 E-SWITCH-52-PV8F2T0SS334 Datasheet
187Kb / 1P
ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
52-PV8F2T0SS335 E-SWITCH-52-PV8F2T0SS335 Datasheet
187Kb / 1P
ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
52-PV8F2U0SS334 E-SWITCH-52-PV8F2U0SS334 Datasheet
136Kb / 1P
ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
52-PV8F2V0SSG331 E-SWITCH-52-PV8F2V0SSG331 Datasheet
143Kb / 1P
ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
52-PV8F2V1SSG3G1 E-SWITCH-52-PV8F2V1SSG3G1 Datasheet
136Kb / 1P
ILLUMINATION COLOR: RED (FORWARD), GREEN (REVERSE)
52-PV8F2V1SSG3K1 E-SWITCH-52-PV8F2V1SSG3K1 Datasheet
136Kb / 1P
ILLUMINATION COLOR: ORANGE (FORWARD), GREEN (REVERSE)
52-PV8F2Y0SS3K4 E-SWITCH-52-PV8F2Y0SS3K4 Datasheet
113Kb / 1P
ILLUMINATION COLOR: ORANGE (FORWARD), GREEN (REVERSE)
52-PV8F2Y0SS341 E-SWITCH-52-PV8F2Y0SS341 Datasheet
146Kb / 1P
ILLUMINATION COLOR: BLUE (FORWARD), BLUE (REVERSE)
52-PV8S00216 E-SWITCH-52-PV8S00216 Datasheet
148Kb / 1P
ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
52-PV9F2U0SS331 E-SWITCH-52-PV9F2U0SS331 Datasheet
221Kb / 1P
ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com