Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI4672 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GI4672
Description  N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GI4672 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GI4672 Datasheet HTML 1Page - E-Tech Electronics LTD GI4672 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
I4672
Page: 1/2
ISSUED DATE :2005/07/15
REVISED DATE :
G
G
II44667722
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I4672 is designed for low frequency amplifier applications.
Features
&Low saturation voltage, typically VCE(sat) =0.1V at IC/IB=1A/50mA
&
Excellent DC current gain characteristics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (TA=25 )
::::
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current (DC)
IC
2
A
Collector Current (Pulse PW=10ms)
IC
5
A
Total Device Dissipation (TA=25 )
:
PD
1.5
W
Total Device Dissipation (TC=25 )
:
PD
10
W
Junction Temperature
TJ
150
:
Storage Temperature
Tstg
-55 ~ +150
:
Electrical Characteristics (TA = 25 : unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=50uA, IE=0
BVCEO
50
-
-
V
IC=1mA, IB=0
BVEBO
6
-
-
V
IE=50uA, IC=0
ICBO
-
-
100
nA
VCB=60V, IE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
0.1
0.35
V
IC=1A, IB=50mA
*hFE
120
-
400
VCE=2V, IC=500mA
fT
-
210
-
MHz
VCE=2V, IE=500mA, f=100MHz
Cob
-
25
-
pF
VCB=10V, IE=0, f=1MHz
*Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE
Rank
A
B
Range
120 ~ 240
200 ~ 400
TO-251


Similar Part No. - GI4672

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI4672 GTM-GI4672 Datasheet
162Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - GI4672

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GJ4672 ETL-GJ4672 Datasheet
162Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GJSD1802 ETL-GJSD1802 Datasheet
496Kb / 3P
N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GL4672 ETL-GL4672 Datasheet
169Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
GM1188 ETL-GM1188 Datasheet
362Kb / 2P
P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
GM4672 ETL-GM4672 Datasheet
203Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GSC945 ETL-GSC945 Datasheet
267Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GSC4672 ETL-GSC4672 Datasheet
161Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com