Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC2G66GD
Description  Dual single-pole single-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC2G66GD Datasheet HTML 2Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 3Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 4Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 9Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
74HC_HCT2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 10 — 3 October 2013
6 of 23
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
10.1 Test circuits
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
74HCT2G66
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
II
input leakage current
nE; VI =VCC or GND; VCC =5.5 V
-
-
1.0
-
1.0
A
IS(OFF)
OFF-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 6
-
0.1
1.0
-
1.0
A
IS(ON)
ON-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 7
-
0.1
1.0
-
1.0
A
ICC
supply current
nE, nY and nZ = VCC or GND;
VCC = 4.5 V to 5.5 V
--
10
-
20
A
I
CC
additional supply
current
nE = VCC  2.1 V; IO =0 A;
VCC = 4.5 V to 5.5 V;
-
-
375
-
410
A
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 6.
Test circuit for measuring OFF-state
leakage current
Fig 7.
Test circuit for measuring ON-state
leakage current
001aaj465
IS
IS
VI
VIL
VO
VCC
GND
nZ
nY
nE
001aaj466
IS
VI
VIH
VO
VCC
GND
nZ
nY
nE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com